Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ABT16543 Datasheet (PDF) - NXP Semiconductors

74ABT16543 Datasheet PDF - NXP Semiconductors
Part # 74ABT16543
Download  74ABT16543 Download
File Size   90.47 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit latched transceivers with dual enable 3-State

74ABT16543 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ABT16543 Datasheet PDF - NXP Semiconductors

Part # 74ABT16543
Download  74ABT16543 Click to download

File Size   90.47 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit latched transceivers with dual enable 3-State

74ABT16543 Datasheet (HTML) - NXP Semiconductors


74ABT16543 Product details

DESCRIPTION
The 74ABT16543 high-performance BiCMOS device combines low static and dynamic power dissipation with high speed and high output drive.
The 74ABT16543 16-bit registered transceiver contains two sets of D-type latches for temporary storage of data flowing in either direction. Separate Latch Enable (nLEAB, nLEBA) and Output Enable (nOEAB, nOEBA) inputs are provided for each register to permit independent control of data transfer in either direction. The outputs are guaranteed to sink 64mA.
Two options are available, 74ABT16543 which does not have the bus-hold feature and 74ABTH16543 which incorporates the bus-hold feature.

FEATURES
• Two 8-bit octal transceivers with D-type latch
• Live insertion/extraction permitted
• Power-up 3-State
• Power-up reset
• Multiple VCC and GND pins minimize switching noise
• Back-to-back registers for storage
• Separate controls for data flow in each direction
• 74ABTH16543 incorporates bus-hold data inputs which eliminate
   the need for external pull-up resistors to hold unused inputs
• Output capability: +64mA/–32mA
• Latch-up protection exceeds 500mA per JEDEC Std 17
• ESD protection exceeds 2000V per MIL STD 883 Method 3015
   and 200V per Machine Model
• See 74ABT161543 for same function with Master Reset control pins




Similar Part No. - 74ABT16543

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT16543 FAIRCHILD-74ABT16543 Datasheet
72Kb / 7P
16-Bit Registered Transceiver with 3-STATE Outputs
74ABT16543CMTD FAIRCHILD-74ABT16543CMTD Datasheet
72Kb / 7P
16-Bit Registered Transceiver with 3-STATE Outputs
74ABT16543CMTDX FAIRCHILD-74ABT16543CMTDX Datasheet
72Kb / 7P
16-Bit Registered Transceiver with 3-STATE Outputs
74ABT16543CSSC FAIRCHILD-74ABT16543CSSC Datasheet
72Kb / 7P
16-Bit Registered Transceiver with 3-STATE Outputs
74ABT16543CSSCX FAIRCHILD-74ABT16543CSSCX Datasheet
72Kb / 7P
16-Bit Registered Transceiver with 3-STATE Outputs
More results


Similar Description - 74ABT16543

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT161543 PHILIPS-74ABT161543 Datasheet
85Kb / 12P
16-bit latched transceiver with dual enable and master reset 3-State
1998 Feb 27
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ALVCH16623 PHILIPS-74ALVCH16623 Datasheet
84Kb / 16P
16-bit transceiver with dual enable; 3-state
1999 Sep 20
MB2543 PHILIPS-MB2543 Datasheet
146Kb / 13P
Dual octal latched transceivers with dual enable 3-State
August 23, 1993
74ABT544 PHILIPS-74ABT544 Datasheet
115Kb / 19P
Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT543A PHILIPS-74ABT543A Datasheet
115Kb / 12P
Octal latched transceiver with dual enable (3-State)
1998 Sep 24
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74ABT544 NXP-74ABT544 Datasheet
108Kb / 15P
Octal latched transceiver with dual enable; inverting; 3-state
Rev. 04-15 January 2009
74F543 NXP-74F543 Datasheet
99Kb / 15P
Octal latched transceiver with dual enable; 3-state
Rev. 04-26 January 2010
logo
Nexperia B.V. All right...
74ABT543A NEXPERIA-74ABT543A Datasheet
267Kb / 17P
Octal latched transceiver with dual enable; 3-state
Rev. 5 - 3 November 2011
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com