Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVCH16623 Datasheet (PDF) - NXP Semiconductors

74ALVCH16623 Datasheet PDF - NXP Semiconductors
Part # 74ALVCH16623
Download  74ALVCH16623 Download
File Size   84.71 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit transceiver with dual enable; 3-state

74ALVCH16623 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVCH16623 Datasheet PDF - NXP Semiconductors

Part # 74ALVCH16623
Download  74ALVCH16623 Click to download

File Size   84.71 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit transceiver with dual enable; 3-state

74ALVCH16623 Datasheet (HTML) - NXP Semiconductors


74ALVCH16623 Product details

DESCRIPTION
The 74ALVCH16623 is a high-performance, low-power, low-voltage, Si-gate CMOS device, superior to most advanced CMOS compatible TTL families.
The 74ALVCH16623 is a 16-bit transceiver featuring non-inverting 3-state bus compatible outputs in both send and receive directions.
   
FEATURES
• Complies with JEDEC standard
    no. 8-1A
• CMOS low power consumption
• Direct interface with TTL levels
• MULTIBYTE™ flow-through
    standard pin-out architecture
• All data inputs have bus hold
    circuitry
• Output drive capability 50 Ω
    transmission lines at 85 °C
• Current drive ±24 mA at 3.0 V.
   




Similar Part No. - 74ALVCH16623

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16600 PHILIPS-74ALVCH16600 Datasheet
88Kb / 14P
18-bit universal bus transceiver 3-State
1999 Nov 23
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
logo
NXP Semiconductors
74ALVCH16600DGG PHILIPS-74ALVCH16600DGG Datasheet
88Kb / 14P
18-bit universal bus transceiver 3-State
1999 Nov 23
logo
Nexperia B.V. All right...
74ALVCH16600DGG NEXPERIA-74ALVCH16600DGG Datasheet
210Kb / 17P
18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
logo
NXP Semiconductors
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
18-bit universal bus transceiver (3-State)
1998 Sep 24
More results


Similar Description - 74ALVCH16623

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT161543 PHILIPS-74ABT161543 Datasheet
85Kb / 12P
16-bit latched transceiver with dual enable and master reset 3-State
1998 Feb 27
74ABT16543 PHILIPS-74ABT16543 Datasheet
90Kb / 12P
16-bit latched transceivers with dual enable 3-State
1998 Feb 27
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT620 PHILIPS-74ABT620 Datasheet
47Kb / 11P
Octal transceiver with dual enable, inverting 3-State
1993 Jun 21
74ALVCH16652 PHILIPS-74ALVCH16652 Datasheet
103Kb / 20P
16-bit transceiver/register with dual enable; 3-state
1999 Nov 23
74LVC623A PHILIPS-74LVC623A Datasheet
96Kb / 10P
Octal transceiver with dual enable 3-State
1998 Jul 29
MB2623 PHILIPS-MB2623 Datasheet
87Kb / 12P
16-bit transceiver with dual enable, non-inverting 3-State
1998 Jan 16
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74ALVCH16652 PHILIPS-74ALVCH16652_15 Datasheet
117Kb / 20P
16-bit transceiver/register with dual enable; 3-state
1999 Nov 23
logo
Nexperia B.V. All right...
74ALVCH16652 NEXPERIA-74ALVCH16652 Datasheet
260Kb / 18P
16-bit transceiver/register with dual enable; 3-state
Rev. 3 - 12 September 2018
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com