Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVCH16652 Datasheet (PDF) - Nexperia B.V. All rights reserved

74ALVCH16652 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74ALVCH16652
Download  74ALVCH16652 Download
File Size   260.39 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit transceiver/register with dual enable; 3-state

74ALVCH16652 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVCH16652 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74ALVCH16652
Download  74ALVCH16652 Click to download

File Size   260.39 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit transceiver/register with dual enable; 3-state

74ALVCH16652 Datasheet (HTML) - Nexperia B.V. All rights reserved


74ALVCH16652 Product details

1. General description
The 74ALVCH16652 consists of 16 non-inverting bus transceiver circuits with 3-state outputs, Dtype
flip-flops and control circuitry arranged for multiplexed transmission of data directly from the
data bus or from the internal storage registers.
Data on the ‘A’ or ‘B’, or both buses, will be stored in the internal registers, at the appropriate clock
inputs (nCPAB or nCPBA) regardless of the select inputs (nSAB and nSBA) or output enable
(nOEAB and nOEBA) control inputs.
Depending on the select inputs nSAB and nSBA data can directly go from input to output (real-time
mode) or data can be controlled by the clock (storage mode), when OE inputs permit this operating
mode.
The output enable inputs nOEAB and nOEBA determine the operation mode of the transceiver.
When nOEAB is LOW, no data transmission from nBn to nAn is possible and when nOEBA is
HIGH, no data transmission from nBn to nAn is possible.
When nSAB and nSBA are in the real-time transfer mode, it is also possible to store data without
using the internal D-type flip-flops by simultaneously enabling nOEAB and nOEBA. In this
configuration each output reinforces its input.
Active bus hold circuitry is provided to hold unused or floating data inputs at a valid logic level.
2. Features and benefits
• Wide supply voltage range of 1.2 V to 3.6 V
• CMOS low power consumption
• Direct interface with TTL levels
• Current drive ±24 mA at VCC = 3.0 V.
• MULTIBYTE flow-through standard pin-out architecture
• Low inductance multiple VCC and GND pins for minimum noise and ground bounce
• All data inputs have bushold
• Output drive capability 50 Ω transmission lines at 85 °C
• Complies with JEDEC standards:
• JESD8-5 (2.3 V to 2.7 V)
• JESD8B/JESD36 (2.7 V to 3.6 V)
• ESD protection:
• HBM ANSI/ESDA/JEDEC JS-001 exceeds 2000 V
• CDM JESD22-C101E exceeds 1000 V




Similar Part No. - 74ALVCH16652

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16652 PHILIPS-74ALVCH16652 Datasheet
103Kb / 20P
16-bit transceiver/register with dual enable; 3-state
1999 Nov 23
74ALVCH16652DGG PHILIPS-74ALVCH16652DGG Datasheet
103Kb / 20P
16-bit transceiver/register with dual enable; 3-state
1999 Nov 23
74ALVCH16652 PHILIPS-74ALVCH16652_15 Datasheet
117Kb / 20P
16-bit transceiver/register with dual enable; 3-state
1999 Nov 23
More results


Similar Description - 74ALVCH16652

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16646 PHILIPS-74ABT16646 Datasheet
94Kb / 12P
16-bit bus transceiver/register 3-State
1998 Feb 27
74ALVC16334A PHILIPS-74ALVC16334A Datasheet
121Kb / 12P
16-bit registered driver with inverted register enable 3-State
2000 Mar 14
74ALVCH16623 PHILIPS-74ALVCH16623 Datasheet
84Kb / 16P
16-bit transceiver with dual enable; 3-state
1999 Sep 20
74ALVCH16646 PHILIPS-74ALVCH16646 Datasheet
92Kb / 12P
16-bit bus transceiver/register 3-State
1998 Sep 03
74ALVCH16652 PHILIPS-74ALVCH16652 Datasheet
103Kb / 20P
16-bit transceiver/register with dual enable; 3-state
1999 Nov 23
74LVC652 PHILIPS-74LVC652 Datasheet
147Kb / 14P
Octal transceiver/register with dual enable 3-State
1998 Jul 29
MB2623 PHILIPS-MB2623 Datasheet
87Kb / 12P
16-bit transceiver with dual enable, non-inverting 3-State
1998 Jan 16
logo
Fairchild Semiconductor
74ACT16646 FAIRCHILD-74ACT16646 Datasheet
61Kb / 6P
16-Bit Transceiver/Register with 3-STATE Outputs
74ACTQ16646 FAIRCHILD-74ACTQ16646 Datasheet
92Kb / 9P
16-Bit Transceiver/Register with 3-STATE Outputs
logo
NXP Semiconductors
74ALVCH16652 PHILIPS-74ALVCH16652_15 Datasheet
117Kb / 20P
16-bit transceiver/register with dual enable; 3-state
1999 Nov 23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com