Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2623 Datasheet (PDF) - NXP Semiconductors

MB2623 Datasheet PDF - NXP Semiconductors
Part # MB2623
Download  MB2623 Download
File Size   87.4 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit transceiver with dual enable, non-inverting 3-State

MB2623 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB2623 Datasheet PDF - NXP Semiconductors

Part # MB2623
Download  MB2623 Click to download

File Size   87.4 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit transceiver with dual enable, non-inverting 3-State

MB2623 Datasheet (HTML) - NXP Semiconductors


MB2623 Product details

DESCRIPTION
The MB2623 high-performance BiCMOS device combines low static and dynamic power dissipation with high speed and high output drive.

FEATURES
• Two 8-bit bidirectional bus interfaces
• 3-State buffers
• Power-up 3-State
• Multiple VCC and GND pins minimize switching noise
• Output capability: +64mA/–32mA
• Latch-up protection exceeds 500mA per Jedec Std 17
• ESD protection exceeds 2000 V per MIL STD 883 Method 3015 and 200 V per Machine Model
• Inputs are disabled during 3-State mode




Similar Part No. - MB2623

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MB26 PANJIT-MB26 Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
MB26 ZSELEC-MB26 Datasheet
112Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SeCoS Halbleitertechnol...
MB260F-C SECOS-MB260F-C Datasheet
293Kb / 2P
2Amp Surface Mount Bridge Rectifiers
logo
Murata Manufacturing Co...
MB26101BAN MURATA-MB26101BAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MB26101BBN MURATA-MB26101BBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
More results


Similar Description - MB2623

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16652 PHILIPS-74ABT16652 Datasheet
96Kb / 12P
16-bit transceiver/register, non-inverting 3-State
1998 Feb 27
74ABT620 PHILIPS-74ABT620 Datasheet
47Kb / 11P
Octal transceiver with dual enable, inverting 3-State
1993 Jun 21
74ABT623 PHILIPS-74ABT623 Datasheet
104Kb / 10P
Octal transceiver with dual enable, non-inverting; 3-State
1998 Jan 16
74ALVCH16623 PHILIPS-74ALVCH16623 Datasheet
84Kb / 16P
16-bit transceiver with dual enable; 3-state
1999 Sep 20
74ALVCH16652 PHILIPS-74ALVCH16652 Datasheet
103Kb / 20P
16-bit transceiver/register with dual enable; 3-state
1999 Nov 23
74ABT544 PHILIPS-74ABT544 Datasheet
115Kb / 19P
Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT544 NXP-74ABT544 Datasheet
108Kb / 15P
Octal latched transceiver with dual enable; inverting; 3-state
Rev. 04-15 January 2009
74ABT623 NXP-74ABT623 Datasheet
338Kb / 15P
Octal transceiver with dual enable; non-inverting; 3-state
Rev. 03-22 October 2009
74ALVCH16652 PHILIPS-74ALVCH16652_15 Datasheet
117Kb / 20P
16-bit transceiver/register with dual enable; 3-state
1999 Nov 23
logo
Nexperia B.V. All right...
74ALVCH16652 NEXPERIA-74ALVCH16652 Datasheet
260Kb / 18P
16-bit transceiver/register with dual enable; 3-state
Rev. 3 - 12 September 2018
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com