Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVCH16652 Datasheet (PDF) - NXP Semiconductors

74ALVCH16652 Datasheet PDF - NXP Semiconductors
Part # 74ALVCH16652
Download  74ALVCH16652 Download
File Size   103.23 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit transceiver/register with dual enable; 3-state

74ALVCH16652 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVCH16652 Datasheet PDF - NXP Semiconductors

Part # 74ALVCH16652
Download  74ALVCH16652 Click to download

File Size   103.23 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit transceiver/register with dual enable; 3-state

74ALVCH16652 Datasheet (HTML) - NXP Semiconductors


74ALVCH16652 Product details

DESCRIPTION
The 74ALVCH16652 consists of 16 non-inverting bus transceiver circuits with 3-state outputs, D-type flip-flops and control circuitry arranged for multiplexed transmission of data directly from the data bus or from the internal storage registers.
   
FEATURES
• In accordance with JEDEC standard no. 8-1A
• CMOS low power consumption
• MULTIBYTE flow-through pin-out architecture
• Low inductance, multiple supply and ground pins for
    minimum noise and ground bounce
• Direct interface with TTL levels
• All data inputs have bus hold
• Output drive capability 50 Ω transmission lines at 85 °C
• Current drive ±24 mA at 3.0 V.
   




Similar Part No. - 74ALVCH16652

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVCH16652 NEXPERIA-74ALVCH16652 Datasheet
260Kb / 18P
16-bit transceiver/register with dual enable; 3-state
Rev. 3 - 12 September 2018
74ALVCH16652DGG NEXPERIA-74ALVCH16652DGG Datasheet
260Kb / 18P
16-bit transceiver/register with dual enable; 3-state
Rev. 3 - 12 September 2018
logo
NXP Semiconductors
74ALVCH16652 PHILIPS-74ALVCH16652_15 Datasheet
117Kb / 20P
16-bit transceiver/register with dual enable; 3-state
1999 Nov 23
More results


Similar Description - 74ALVCH16652

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16646 PHILIPS-74ABT16646 Datasheet
94Kb / 12P
16-bit bus transceiver/register 3-State
1998 Feb 27
74ALVC16334A PHILIPS-74ALVC16334A Datasheet
121Kb / 12P
16-bit registered driver with inverted register enable 3-State
2000 Mar 14
74ALVCH16623 PHILIPS-74ALVCH16623 Datasheet
84Kb / 16P
16-bit transceiver with dual enable; 3-state
1999 Sep 20
74ALVCH16646 PHILIPS-74ALVCH16646 Datasheet
92Kb / 12P
16-bit bus transceiver/register 3-State
1998 Sep 03
74LVC652 PHILIPS-74LVC652 Datasheet
147Kb / 14P
Octal transceiver/register with dual enable 3-State
1998 Jul 29
MB2623 PHILIPS-MB2623 Datasheet
87Kb / 12P
16-bit transceiver with dual enable, non-inverting 3-State
1998 Jan 16
logo
Fairchild Semiconductor
74ACT16646 FAIRCHILD-74ACT16646 Datasheet
61Kb / 6P
16-Bit Transceiver/Register with 3-STATE Outputs
74ACTQ16646 FAIRCHILD-74ACTQ16646 Datasheet
92Kb / 9P
16-Bit Transceiver/Register with 3-STATE Outputs
logo
NXP Semiconductors
74ALVCH16652 PHILIPS-74ALVCH16652_15 Datasheet
117Kb / 20P
16-bit transceiver/register with dual enable; 3-state
1999 Nov 23
logo
Nexperia B.V. All right...
74ALVCH16652 NEXPERIA-74ALVCH16652 Datasheet
260Kb / 18P
16-bit transceiver/register with dual enable; 3-state
Rev. 3 - 12 September 2018
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com