Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ABT623 Datasheet (PDF) - NXP Semiconductors

74ABT623 Datasheet PDF - NXP Semiconductors
Part # 74ABT623
Download  74ABT623 Download
File Size   104.07 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal transceiver with dual enable, non-inverting; 3-State

74ABT623 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ABT623 Datasheet PDF - NXP Semiconductors

Part # 74ABT623
Download  74ABT623 Click to download

File Size   104.07 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal transceiver with dual enable, non-inverting; 3-State

74ABT623 Datasheet (HTML) - NXP Semiconductors


74ABT623 Product details

DESCRIPTION
The 74ABT623 high-performance BiCMOS device combines low static and dynamic power dissipation with high speed and high output drive.

FEATURES
• Octal bidirectional bus interface
• 3-State buffers
• Power-up 3-State
• Output capability: +64mA/–32mA
• Latch-up protection exceeds 500mA per Jedec Std 17
• ESD protection exceeds 2000 V per MIL STD 883 Method 3015
    and 200 V per Machine Model
• Inputs are disabled during 3-State mode




Similar Part No. - 74ABT623

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT623 NXP-74ABT623 Datasheet
338Kb / 15P
Octal transceiver with dual enable; non-inverting; 3-state
Rev. 03-22 October 2009
74ABT623D NXP-74ABT623D Datasheet
338Kb / 15P
Octal transceiver with dual enable; non-inverting; 3-state
Rev. 03-22 October 2009
74ABT623DB NXP-74ABT623DB Datasheet
338Kb / 15P
Octal transceiver with dual enable; non-inverting; 3-state
Rev. 03-22 October 2009
74ABT623PW NXP-74ABT623PW Datasheet
338Kb / 15P
Octal transceiver with dual enable; non-inverting; 3-state
Rev. 03-22 October 2009
More results


Similar Description - 74ABT623

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT544 PHILIPS-74ABT544 Datasheet
97Kb / 8P
Octal latched transceiver with dual enable, inverting 3-State
Rev. 03-20 April 2005
74ABT620 PHILIPS-74ABT620 Datasheet
47Kb / 11P
Octal transceiver with dual enable, inverting 3-State
1993 Jun 21
74LVC623A PHILIPS-74LVC623A Datasheet
96Kb / 10P
Octal transceiver with dual enable 3-State
1998 Jul 29
MB2623 PHILIPS-MB2623 Datasheet
87Kb / 12P
16-bit transceiver with dual enable, non-inverting 3-State
1998 Jan 16
MB2652 PHILIPS-MB2652 Datasheet
162Kb / 15P
Dual octal transceiver/registers, non-inverting 3-State
August 23, 1993
logo
STMicroelectronics
M74HC643 STMICROELECTRONICS-M74HC643 Datasheet
338Kb / 11P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS INVERTING/NON INVERTING
Aug-2001
logo
Texas Instruments
CD54-74AC623 TI-CD54-74AC623 Datasheet
487Kb / 12P
OCTAL-BUS TRANSCEIVER,3-STATE, NON-INVERTING
logo
NXP Semiconductors
74ABT544 PHILIPS-74ABT544 Datasheet
115Kb / 19P
Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT544 NXP-74ABT544 Datasheet
108Kb / 15P
Octal latched transceiver with dual enable; inverting; 3-state
Rev. 04-15 January 2009
74ABT623 NXP-74ABT623 Datasheet
338Kb / 15P
Octal transceiver with dual enable; non-inverting; 3-state
Rev. 03-22 October 2009
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com