Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC623A Datasheet (PDF) - NXP Semiconductors

74LVC623A Datasheet PDF - NXP Semiconductors
Part # 74LVC623A
Download  74LVC623A Download
File Size   96.65 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal transceiver with dual enable 3-State

74LVC623A Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC623A Datasheet PDF - NXP Semiconductors

Part # 74LVC623A
Download  74LVC623A Click to download

File Size   96.65 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal transceiver with dual enable 3-State

74LVC623A Datasheet (HTML) - NXP Semiconductors


74LVC623A Product details

DESCRIPTION
The 74LVC623A is a high performance, low-power, low-voltage Si-gate CMOS device, superior to most advanced CMOS compatible TTL families.

FEATURES
• Wide supply voltage range of 1.2V to 3.6V
• In accordance with JEDEC standard no. 8-1A
• Flow-through pin-out architecture
• CMOS low power consumption
• Inputs accept voltages up to 5.5V
• Direct interface with TTL levels
• Output drive capability 50Ω transmission lines @ 85°C




Similar Part No. - 74LVC623A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC646A PHILIPS-74LVC646A Datasheet
138Kb / 16P
Octal bus transceiver/register 3-State
1998 Jul 29
74LVC646AD PHILIPS-74LVC646AD Datasheet
138Kb / 16P
Octal bus transceiver/register 3-State
1998 Jul 29
74LVC646ADB PHILIPS-74LVC646ADB Datasheet
138Kb / 16P
Octal bus transceiver/register 3-State
1998 Jul 29
74LVC646APW PHILIPS-74LVC646APW Datasheet
138Kb / 16P
Octal bus transceiver/register 3-State
1998 Jul 29
74LVC652 PHILIPS-74LVC652 Datasheet
147Kb / 14P
Octal transceiver/register with dual enable 3-State
1998 Jul 29
More results


Similar Description - 74LVC623A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT620 PHILIPS-74ABT620 Datasheet
47Kb / 11P
Octal transceiver with dual enable, inverting 3-State
1993 Jun 21
74ABT623 PHILIPS-74ABT623 Datasheet
104Kb / 10P
Octal transceiver with dual enable, non-inverting; 3-State
1998 Jan 16
74LVC652 PHILIPS-74LVC652 Datasheet
147Kb / 14P
Octal transceiver/register with dual enable 3-State
1998 Jul 29
74LVT623 PHILIPS-74LVT623 Datasheet
123Kb / 10P
3.3 V octal transceiver with dual enable 3-State
1999 Jul 09
74ABT544 PHILIPS-74ABT544 Datasheet
115Kb / 19P
Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT543A PHILIPS-74ABT543A Datasheet
115Kb / 12P
Octal latched transceiver with dual enable (3-State)
1998 Sep 24
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74F543 NXP-74F543 Datasheet
99Kb / 15P
Octal latched transceiver with dual enable; 3-state
Rev. 04-26 January 2010
logo
Nexperia B.V. All right...
74ABT543A NEXPERIA-74ABT543A Datasheet
267Kb / 17P
Octal latched transceiver with dual enable; 3-state
Rev. 5 - 3 November 2011
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com