Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC623A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC623A
Description  Octal transceiver with dual enable 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC623A Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC623A Datasheet HTML 1Page - NXP Semiconductors 74LVC623A Datasheet HTML 2Page - NXP Semiconductors 74LVC623A Datasheet HTML 3Page - NXP Semiconductors 74LVC623A Datasheet HTML 4Page - NXP Semiconductors 74LVC623A Datasheet HTML 5Page - NXP Semiconductors 74LVC623A Datasheet HTML 6Page - NXP Semiconductors 74LVC623A Datasheet HTML 7Page - NXP Semiconductors 74LVC623A Datasheet HTML 8Page - NXP Semiconductors 74LVC623A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74LVC623A
Octal transceiver with dual enable (3-State)
1998 Jul 29
3
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
OEAB
A0
A1
A2
A3
A4
A5
A6
A7
GND
VCC
OEBA
B0
B1
B2
B3
B4
B5
B6
B7
SV00744
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1
OEAB
Direction control
2, 3, 4, 5,
6, 7, 8, 9
A0 – A7
Data inputs/outputs
10
GND
Ground (0V)
18, 17, 16, 15,
14, 13, 12, 11
B0 – B7
Data inputs/outputs
19
OEBA
Output enable input (active LOW)
20
VCC
Positive supply voltage
LOGIC SYMBOL
1
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
11
A0
A1
A2
A3
A4
A5
A6
A7
B0
B1
B2
B3
B4
B5
B6
B7
SV00745
OEAB
OEBA
LOGIC SYMBOL (IEEE/IEC)
19
EN1
1
EN2
∇ 1
2
∇
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
SV00746



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com