Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS398 Datasheet (PDF) - Pericom Semiconductor Corporation

PS398 Datasheet PDF - Pericom Semiconductor Corporation
Part # PS398
Download  PS398 Download
File Size   207.25 Kbytes
Page   11 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Precision 8-Ch, Diff. 4-Ch, 17V Analog Multiplexers

PS398 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS398 Datasheet PDF - Pericom Semiconductor Corporation

Part # PS398
Download  PS398 Click to download

File Size   207.25 Kbytes
Page   11 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Precision 8-Ch, Diff. 4-Ch, 17V Analog Multiplexers

PS398 Datasheet (HTML) - Pericom Semiconductor Corporation


PS398 Product details

Description
The PS398/PS399 are improved high precision analog multiplexers. The PS398, an 8-channel single-ended mux, selects one of eight inputs to a common output as determined by a 3-bit address A0-A2. An EN (enable) pin when low disables all switches, useful when stacking several devices. The PS399 is a 4-channel differential multiplexer. It selects one of four differential inputs to a common differential output as determined by a 2-bit address A0, A1. An EN pin may be driven low to disable all switches.

Features
• Low On-Resistance (60Ω typ.) Minimizes Distortion
   and Error Voltages
• Low Glitching Reduces Step Errors and Improves
   Settling Times. Charge Injection: <5pC
• Split-Supply Operation (+3V to +8V)
• Improved Second Sources for MAX398/MAX399
• On-Resistance Matching Between Channels: <6Ω
• On-Resistance Flatness: <11Ω
• Low Off-Channel Leakage,
   INO(OFF) < 1nA @ +85oC, ICOM(ON), <2.5nA @ +85oC
• TTL/CMOS Logic Compatible
• Fast Switching Speed, tTRANS <250ns
• Break-Before-Make action eliminates momentary crosstalk
• Rail-to-Rail Analog Signal Range
• Low Power Consumption, <300µW
• Narrow SOIC and QSOP Packages Minimize Board Area

Applications
• Data Acquisition Systems
• Audio Switching and Routing
• Test Equipment
• PBX, PABX
• Telecommunication Systems
• Battery-Powered Systems




Similar Part No. - PS398

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PS391 PERICOM-PS391 Datasheet
270Kb / 12P
Precision, Quad, SPST, Analog Switches
PS391 PERICOM-PS391 Datasheet
271Kb / 12P
Precision, Quad, SPST, Analog Switches
PS391 PERICOM-PS391 Datasheet
271Kb / 12P
Precision, Quad, SPST, Analog Switches
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
Precision, Quad, SPST, Analog Switches
PS391ESEE PERICOM-PS391ESEE Datasheet
271Kb / 12P
Precision, Quad, SPST, Analog Switches
More results


Similar Description - PS398

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9408 VISHAY-DG9408 Datasheet
121Kb / 12P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
05-Aug-02
DG408L VISHAY-DG408L_08 Datasheet
157Kb / 12P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
25-Jun-07
DG3408 VISHAY-DG3408 Datasheet
170Kb / 14P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
30-Apr-07
DG9408 VISHAY-DG9408_08 Datasheet
178Kb / 13P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
07-Apr-08
DG408L VISHAY-DG408L_11 Datasheet
216Kb / 15P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
30-May-11
DG3408 VISHAY-DG3408_11 Datasheet
148Kb / 14P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
28-Feb-11
DG9408 VISHAY-DG9408_11 Datasheet
228Kb / 16P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
20-Jun-11
DG408L VISHAY-DG408L Datasheet
93Kb / 11P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
07-Apr-03
DG3408 VISHAY-DG3408_V01 Datasheet
215Kb / 15P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
28-Feb-11
DG408L VISHAY-DG408L_V01 Datasheet
277Kb / 16P
Precision 8-Ch / Dual 4-Ch Low Voltage Analog Multiplexers
22-Feb-16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com