Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ABT373AD Datasheet (PDF) - NXP Semiconductors

74ABT373AD Datasheet PDF - NXP Semiconductors
Part # 74ABT373AD
Download  74ABT373AD Download
File Size   50.07 Kbytes
Page   11 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal transparent latch 3-State

74ABT373AD Datasheet (PDF)

Go To PDF Page Download Datasheet
74ABT373AD Datasheet PDF - NXP Semiconductors

Part # 74ABT373AD
Download  74ABT373AD Click to download

File Size   50.07 Kbytes
Page   11 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal transparent latch 3-State

74ABT373AD Datasheet (HTML) - NXP Semiconductors


74ABT373AD Product details

DESCRIPTION
The 74ABT373A high-performance BiCMOS device combines low static and dynamic power dissipation with high speed and high output drive.

FEATURES
• 8-bit transparent latch
• 3-State output buffers
• Output capability: +64mA/–32mA
• Latch-up protection exceeds 500mA per JEDEC Std 17
• ESD protection exceeds 2000 V per MIL STD 883 Method 3015
   and 200 V per Machine Model
• Power-up 3-State
• Power-up reset
• Live insertion/extraction permitted




Similar Part No. - 74ABT373AD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT373 FAIRCHILD-74ABT373 Datasheet
133Kb / 11P
Octal Transparent Latch with 3-STATE Outputs
logo
National Semiconductor ...
74ABT373 NSC-74ABT373 Datasheet
333Kb / 16P
Octal Transparent Latch with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ABT373 FAIRCHILD-74ABT373 Datasheet
308Kb / 13P
Octal Transparent Latch with 3-STATE Outputs
logo
National Semiconductor ...
74ABT373CDCQB NSC-74ABT373CDCQB Datasheet
333Kb / 16P
Octal Transparent Latch with TRI-STATE Outputs
74ABT373CDCX NSC-74ABT373CDCX Datasheet
333Kb / 16P
Octal Transparent Latch with TRI-STATE Outputs
More results


Similar Description - 74ABT373AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F373 PHILIPS-74F373 Datasheet
93Kb / 12P
Octal transparent latch 3-State
1994 Dec 05
74F573 PHILIPS-74F573 Datasheet
107Kb / 14P
Octal transparent latch 3-State
1989 Oct 16
logo
Texas Instruments
CD54-74AC373 TI-CD54-74AC373 Datasheet
233Kb / 8P
OCTAL TRANSPARENT LATCH, 3-STATE
CD54-74AC563 TI-CD54-74AC563 Datasheet
240Kb / 8P
OCTAL TRANSPARENT LATCH, 3-STATE
logo
Integral Corp.
IN74AC573 INTEGRAL-IN74AC573 Datasheet
218Kb / 5P
Octal 3-State Noninverting Transparent Latch
IN74ACT373 INTEGRAL-IN74ACT373 Datasheet
230Kb / 5P
OCTAL 3-STATE NONINVERTING TRANSPARENT LATCH
logo
KODENSHI_AUK CORP.
KK74HCT373A KODENSHI-KK74HCT373A Datasheet
255Kb / 6P
Octal 3-State Noninverting Transparent Latch
logo
IK Semicon Co., Ltd
IN74HCT373A IKSEMICON-IN74HCT373A Datasheet
243Kb / 6P
Octal 3-State Noninverting Transparent Latch
logo
Texas Instruments
CD74ACT373M TI1-CD74ACT373M Datasheet
1Mb / 17P
OCTAL TRANSPARENT LATCH, 3-STATE
CD54AC563 TI1-CD54AC563_16 Datasheet
1Mb / 17P
Octal transparent Latch, 3-state
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com