Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3544 Datasheet (PDF) - Texas Instruments

ADC3544 Datasheet PDF - Texas Instruments
Part # ADC3544
Download  ADC3544 Download
File Size   3702.44 Kbytes
Page   79 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADC3544 14-bit, 125-MSPS, Low Noise, Low Power ADC

ADC3544 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC3544 Datasheet PDF - Texas Instruments

Part # ADC3544
Download  ADC3544 Click to download

File Size   3702.44 Kbytes
Page   79 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADC3544 14-bit, 125-MSPS, Low Noise, Low Power ADC

ADC3544 Datasheet (HTML) - Texas Instruments


ADC3544 Product details

1 Features
• 14-bit 125 MSPS ADC
• Noise floor: –153 dBFS/Hz
• Ultra-low power with optimized power scaling:
97 mW/ch (125 MSPS)
• Latency: 1 clock cycle
• INL: ±1.5 LSB; DNL: ±0.5 LSB
• Reference: external or internal
• Industrial temperature range: –40°C to +105°C
• On-chip digital filter (optional)
– Decimation by 2, 4, 8, 16, 32
– 32-bit NCO
• SDR/DDR and Serial CMOS interface
• Small footprint: 40-WQFN (5 mm × 5 mm) package
• Single 1.8-V supply
• Spectral performance (fIN = 5 MHz):
– SNR: 74.0 dBFS
– SFDR: 85-dBc HD2, HD3
– SFDR: 93-dBFS worst spur
• Spectral performance (fIN = 70 MHz):
– SNR: 70.6dBFS
– SFDR: 79-dBc HD2, HD3
– SFDR: 85-dBFS worst spur

2 Applications
• High-speed data acquisition
• Industrial monitoring
• Thermal imaging
• Imaging and sonar
• Software defined radio
• Power quality
• Communications infrastructure
• High-speed control loops
• Instrumentation
• Smart grids
• Spectroscopy
• Radar

3 Description
The ADC3544 device is a low-noise, ultra-low
power, 14-bit, 125-MSPS, high-speed analog-todigital
converter (ADC). Designed for low power
consumption, the device delivers a noise spectral
density of –153 dBFS/Hz, combined with a good
linearity and dynamic range. The ADC3544 offers
IF sampling support, which make these devices an
excellent choice for a wide range of applications.
High-speed control loops benefit from the short
latency of only one clock cycle. The ADC consumes
only 97 mW/ch at 125 MSPS, and the power
consumption scales well with lower sampling rates.
The ADC3544 uses an SDR or DDR interface to
output the data offering the lowest power digital
interface, together with the flexibility to minimize the
number of digital interconnects. These devices are
a pin-to-pin compatible family with different speed
grades. These devices support the extended industrial
temperature range of –40°C to 105⁰C.




Similar Part No. - ADC3544

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC3544 TI-ADC3544 Datasheet
5Mb / 86P
ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
APRIL 2022
ADC3544 TI-ADC3544 Datasheet
5Mb / 86P
ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
REVISED DECEMBER 2022
More results


Similar Description - ADC3544

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1748 LINER-LTC1748_15 Datasheet
534Kb / 20P
14-Bit, 80Msps Low Noise ADC
logo
Texas Instruments
ADC3541 TI1-ADC3541 Datasheet
3Mb / 68P
ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
ADC3643 TI-ADC3643 Datasheet
4Mb / 77P
ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
ADC3664 TI-ADC3664 Datasheet
4Mb / 71P
ADC3664 14-Bit, 125-MSPS, Low-Noise, Low Power Dual Channel ADC
ADC3643 TI-ADC3643_V01 Datasheet
4Mb / 77P
ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
ADC3541 TI-ADC3541_V01 Datasheet
5Mb / 86P
ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
APRIL 2022
ADC3641 TI-ADC3641 Datasheet
4Mb / 87P
ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
MAY 2022
ADC3644 TI-ADC3644 Datasheet
4Mb / 76P
ADC3644 14-bit, 125-MSPS, Low-noise, Low Power Dual Channel ADC
MAY 2022
ADC3564 TI-ADC3564 Datasheet
4Mb / 72P
ADC3564 14-Bit, 125-MSPS, Low-Noise, Ultra-Low Power ADC
AUGUST 2022
ADC3541 TI-ADC3541_V02 Datasheet
5Mb / 86P
ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
REVISED DECEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com