Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3564 Datasheet (PDF) - Texas Instruments

ADC3564 Datasheet PDF - Texas Instruments
Part # ADC3564
Download  ADC3564 Download
File Size   4231.26 Kbytes
Page   72 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADC3564 14-Bit, 125-MSPS, Low-Noise, Ultra-Low Power ADC

ADC3564 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC3564 Datasheet PDF - Texas Instruments

Part # ADC3564
Download  ADC3564 Click to download

File Size   4231.26 Kbytes
Page   72 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADC3564 14-Bit, 125-MSPS, Low-Noise, Ultra-Low Power ADC

ADC3564 Datasheet (HTML) - Texas Instruments


ADC3564 Product details

1 Features
• 14-Bit 125 MSPS ADC
• Noise floor: –156 dBFS/Hz
• Ultra low power: 137 mW at 125 Msps
• Latency: ≤ 2 clock cycles
• Specified 14-bit, no missing codes
• INL: ±1.5 LSB; DNL: ±0.5 LSB
• Reference: external or internal
• Input bandwidth: 1200 MHz (3 dB)
• Industrial temperature range: –40°C to +105°C
• On-chip digital filter (optional)
– Decimation by 2, 4, 8, 16, 32
– 32-bit NCO
• Serial LVDS digital interface (2-, 1- and 1/2-wire)
• Small footprint: 40-WQFN (5 mm × 5 mm) package
• Spectral performance (fIN = 10 MHz):
– SNR: 77.5 dBFS
– SFDR: 80-dBc HD2, HD3
– SFDR: 95-dBFS worst spur
• Spectral performance (fIN = 70 MHz):
– SNR: 75 dBFS
– SFDR: 75-dBc HD2, HD3
– SFDR: 90-dBFS worst spur

2 Applications
• High-speed data acquisition
• Industrial monitoring
• Thermal imaging
• Imaging and sonar
• Software defined radio
• Power quality analyzer
• Communications infrastructure
• Control loops
• Instrumentation
• Smart grids
• Spectroscopy
• Radar

3 Description
The ADC3564 device is a low-noise, ultra-low power,
14-bit, 125-MSPS, high-speed ADC. Designed for
low power consumption, the device delivers a noise
spectral density of –156 dBFS/Hz combined with
excellent linearity and dynamic range. The ADC3564
offers IF sampling support which makes the device
suited for a wide range of applications. High-speed
control loops benefit from the short latency of as little
as one clock cycle. The ADC consumes only 137 mW
at 125 MSPS, and the power consumption scales well
with lower sampling rates.
The ADC3564 uses serial LVDS (SLVDS) interface
to output the data which minimizes the number of
digital interconnects. The device supports two-lane,
one-lane and half-lane options. The device is a pinto-
pin compatible family with different speed grades
and comes in a 40-pin VQFN package. The device
supports the extended industrial temperature range
from –40 to +105⁰C.




Similar Part No. - ADC3564

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC3561 TI-ADC3561 Datasheet
4Mb / 75P
ADC356x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power ADC
ADC3561 TI-ADC3561 Datasheet
4Mb / 74P
ADC356x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power ADC
ADC3561 TI-ADC3561 Datasheet
5Mb / 85P
ADC356x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power ADC
REVISED OCTOBER 2022
ADC3561IRSBR TI-ADC3561IRSBR Datasheet
5Mb / 85P
ADC356x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power ADC
REVISED OCTOBER 2022
ADC3561IRSBT TI-ADC3561IRSBT Datasheet
5Mb / 85P
ADC356x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power ADC
REVISED OCTOBER 2022
More results


Similar Description - ADC3564

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC3541 TI1-ADC3541 Datasheet
3Mb / 68P
ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
ADC3664 TI-ADC3664 Datasheet
4Mb / 71P
ADC3664 14-Bit, 125-MSPS, Low-Noise, Low Power Dual Channel ADC
ADC3583 TI-ADC3583 Datasheet
4Mb / 75P
ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
ADC3643 TI-ADC3643_V01 Datasheet
4Mb / 77P
ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
ADC3541 TI-ADC3541_V01 Datasheet
5Mb / 86P
ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
APRIL 2022
ADC3641 TI-ADC3641 Datasheet
4Mb / 87P
ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
MAY 2022
ADC3644 TI-ADC3644 Datasheet
4Mb / 76P
ADC3644 14-bit, 125-MSPS, Low-noise, Low Power Dual Channel ADC
MAY 2022
ADC3581 TI-ADC3581 Datasheet
5Mb / 85P
ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
REVISED OCTOBER 2022
ADC3541 TI-ADC3541_V02 Datasheet
5Mb / 86P
ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
REVISED DECEMBER 2022
ADC3544 TI-ADC3544 Datasheet
3Mb / 79P
ADC3544 14-bit, 125-MSPS, Low Noise, Low Power ADC
DECEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com