Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M60 Datasheet (PDF) - MOSDESIGN SEMICONDUCTOR CORP

M60 Datasheet PDF - MOSDESIGN SEMICONDUCTOR CORP
Part # M60
Download  M60 Download
File Size   101.61 Kbytes
Page   2 Pages
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP
Description DOOR BELL DUAL TONE

M60 Datasheet (PDF)

Go To PDF Page Download Datasheet
M60 Datasheet PDF - MOSDESIGN SEMICONDUCTOR CORP

Part # M60
Download  M60 Click to download

File Size   101.61 Kbytes
Page   2 Pages
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP
Description DOOR BELL DUAL TONE

M60 Datasheet (HTML) - MOSDESIGN SEMICONDUCTOR CORP


M60 Product details

FEATURES 功能敘述
‧ TG:OSH.
‧ DING:780 Hz±30%.
‧ DONG:625 Hz±30%.
APPLICATION 產品應用
‧ Doorbell, Musical instrument, Toys.




Similar Part No. - M60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M60 ETC1-M60 Datasheet
102Kb / 1P
DOOR BELL DUAL TONE
logo
ORION FANS
M60-45 ORIONFANS-M60-45 Datasheet
187Kb / 1P
Plastic Filter Kit Fits 60mm Fans
Revised 2/1/2022
logo
Everlight Electronics C...
M600 EVERLIGHT-M600 Datasheet
447Kb / 13P
5 PIN SOP HIGH SPEED
M600 EVERLIGHT-M600 Datasheet
593Kb / 13P
5 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
May 13, 2013
logo
Heyco.
M6000 HEYCO-M6000 Datasheet
307Kb / 1P
HEYbrid™ Stainless Steel Liquid Tight Cordgrips
More results


Similar Description - M60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M581 ETC-M581 Datasheet
109Kb / 1P
DING-DONG DOOR BELL
M1D-95 ETC-M1D-95 Datasheet
190Kb / 3P
DUAL TONE WIRELESS DOOR BELL
M3D-95 ETC-M3D-95 Datasheet
135Kb / 2P
3 STATE DUAL TONES WIRELESS DOOR BELL
M602 ETC1-M602 Datasheet
102Kb / 1P
DOOR BELL DUAL TONE
M2630 ETC1-M2630 Datasheet
134Kb / 1P
SECURITY CODE WIRELESS DOOR BELL
logo
Comchip Technology
RT0301 COMCHIP-RT0301 Datasheet
106Kb / 4P
CMOS Design for Door Bell application
logo
Projects Unlimited, Inc...
AWB-20R6-24 PUI-AWB-20R6-24 Datasheet
56Kb / 1P
BELL
AWB-25R6-24 PUI-AWB-25R6-24 Datasheet
56Kb / 1P
BELL
logo
MOSDESIGN SEMICONDUCTOR...
PSG59 MOSDESIGN-PSG59 Datasheet
110Kb / 1P
DOOR BELL DUAL TONE
2001-09-07
logo
Holtek Semiconductor In...
HT2811 HOLTEK-HT2811 Datasheet
351Kb / 4P
DING DONG FOR DOOR BELL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com