Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2811 Datasheet (PDF) - Holtek Semiconductor Inc

HT2811 Datasheet PDF - Holtek Semiconductor Inc
Part # HT2811
Download  HT2811 Download
File Size   351.88 Kbytes
Page   4 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description DING DONG FOR DOOR BELL

HT2811 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT2811 Datasheet PDF - Holtek Semiconductor Inc

Part # HT2811
Download  HT2811 Click to download

File Size   351.88 Kbytes
Page   4 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description DING DONG FOR DOOR BELL

HT2811 Datasheet (HTML) - Holtek Semiconductor Inc


HT2811 Product details

Features
CMOS Metal Gate process
Operating voltage : 2. 4V~3. 3V.
Low stand-by current : 1u A typically at VDD=3V.
Good sound quality.(dual tone)
envelop adjustable by external RC.




Similar Part No. - HT2811

ManufacturerPart #DatasheetDescription
logo
Hotchip Technology Co.,...
HT2811H HOTCHIP-HT2811H Datasheet
940Kb / 8P
PSR control, eliminates optocoupler and TL431
More results


Similar Description - HT2811

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M581 ETC-M581 Datasheet
109Kb / 1P
DING-DONG DOOR BELL
HK537 ETC-HK537 Datasheet
72Kb / 2P
DING-DONG SOIND WITH DUAL TONE
M602 ETC1-M602 Datasheet
102Kb / 1P
DOOR BELL DUAL TONE
M2630 ETC1-M2630 Datasheet
134Kb / 1P
SECURITY CODE WIRELESS DOOR BELL
logo
Comchip Technology
RT0301 COMCHIP-RT0301 Datasheet
106Kb / 4P
CMOS Design for Door Bell application
logo
List of Unclassifed Man...
8021-2 ETC2-8021-2 Datasheet
15Kb / 2P
DING-DONG SOUND EFFECT GENERATOR IC
logo
BOWIN ELECTRONIC CO.
M8031-2S BOWIN-M8031-2S Datasheet
30Kb / 2P
DING-DONG SOUND EFFECT GENERATOR IC
logo
Mallory Sonalert Produc...
MSE28MDD7 MSPI-MSE28MDD7 Datasheet
43Kb / 1P
Ding Dong 4.3 - 3.4 kHz Double Shot
logo
MOSDESIGN SEMICONDUCTOR...
M60 MOSDESIGN-M60 Datasheet
101Kb / 2P
DOOR BELL DUAL TONE
2011-05-27
PSG59 MOSDESIGN-PSG59 Datasheet
110Kb / 1P
DOOR BELL DUAL TONE
2001-09-07
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com