Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

999 Datasheet (PDF) - NXP Semiconductors

999 Datasheet PDF - NXP Semiconductors
Part # 999
Download  999 Download
File Size   112.57 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal latched transceiver with dual enable 3-State

999 Datasheet (PDF)

Go To PDF Page Download Datasheet
999 Datasheet PDF - NXP Semiconductors

Part # 999
Download  999 Click to download

File Size   112.57 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal latched transceiver with dual enable 3-State

999 Datasheet (HTML) - NXP Semiconductors


999 Product details

DESCRIPTION
The 74ABT543A high-performance BiCMOS device combines low static and dynamic power dissipation with high speed and high output drive.

FEATURES
• Combines 74ABT245 and 74ABT373 type functions in one device
• 8-bit octal transceiver with D-type latch
• Back-to-back registers for storage
• Separate controls for data flow in each direction
• Output capability: +64mA/–32mA
• Live insertion/extraction permitted
• Power-up 3-State
• Power-up reset
• Latch-up protection exceeds 500mA per Jedec Std 17
• ESD protection exceeds 2000 V per MIL STD 883 Method 3015
    and 200 V per Machine Model




Similar Part No. - 999

ManufacturerPart #DatasheetDescription
logo
Littelfuse
999 LITTELFUSE-999 Datasheet
54Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
logo
Precid-Dip Durtal SA
999-11-110-10 PREDIP-999-11-110-10 Datasheet
30Kb / 1P
Jumpers Male or female
999-11-110-90 PREDIP-999-11-110-90 Datasheet
30Kb / 1P
Jumpers Male or female
999-11-112-10 PREDIP-999-11-112-10 Datasheet
30Kb / 1P
Jumpers Male or female
999-11-112-90 PREDIP-999-11-112-90 Datasheet
30Kb / 1P
Jumpers Male or female
More results


Similar Description - 999

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT544 PHILIPS-74ABT544 Datasheet
97Kb / 8P
Octal latched transceiver with dual enable, inverting 3-State
Rev. 03-20 April 2005
74LVC623A PHILIPS-74LVC623A Datasheet
96Kb / 10P
Octal transceiver with dual enable 3-State
1998 Jul 29
74LVT543 PHILIPS-74LVT543 Datasheet
103Kb / 12P
3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
MB2543 PHILIPS-MB2543 Datasheet
146Kb / 13P
Dual octal latched transceivers with dual enable 3-State
August 23, 1993
74ABT544 PHILIPS-74ABT544 Datasheet
115Kb / 19P
Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT543A PHILIPS-74ABT543A Datasheet
115Kb / 12P
Octal latched transceiver with dual enable (3-State)
1998 Sep 24
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74ABT544 NXP-74ABT544 Datasheet
108Kb / 15P
Octal latched transceiver with dual enable; inverting; 3-state
Rev. 04-15 January 2009
74F543 NXP-74F543 Datasheet
99Kb / 15P
Octal latched transceiver with dual enable; 3-state
Rev. 04-26 January 2010
logo
Nexperia B.V. All right...
74ABT543A NEXPERIA-74ABT543A Datasheet
267Kb / 17P
Octal latched transceiver with dual enable; 3-state
Rev. 5 - 3 November 2011
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com