Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ABT573A Datasheet (PDF) - NXP Semiconductors

74ABT573A Datasheet PDF - NXP Semiconductors
Part # 74ABT573A
Download  74ABT573A Download
File Size   67.85 Kbytes
Page   6 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal D-type transparent latch 3-State

74ABT573A Datasheet (PDF)

Go To PDF Page Download Datasheet
74ABT573A Datasheet PDF - NXP Semiconductors

Part # 74ABT573A
Download  74ABT573A Click to download

File Size   67.85 Kbytes
Page   6 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal D-type transparent latch 3-State

74ABT573A Datasheet (HTML) - NXP Semiconductors


74ABT573A Product details

DESCRIPTION
The 74ABT573A high-performance BiCMOS device combines low static and dynamic power dissipation with high speed and high output drive.
The 74ABT573A device is an octal transparent latch coupled to eight 3-State output buffers. The two sections of the device are controlled independently by Enable (E) and Output Enable (OE) control gates. The 74ABT573A is functionally identical to the 74ABT373 but has a flow-through pinout configuration to facilitate PC board layout and allow easy interface with microprocessors.
The data on the D inputs are transferred to the latch outputs when the Latch Enable (E) input is High. The latch remains transparent to the data inputs while E is High, and stores the data that is present one setup time before the High-to-Low enable transition.

FEATURES
• 74ABT573A is flow-through pinout version of 74ABT373
• Inputs and outputs on opposite side of package allow easy
   interface to microprocessors
• 3-State output buffers
• Common output enable
• Latch-up protection exceeds 500mA per JEDEC Std 17
• ESD protection exceeds 2000 V per MIL STD 883 Method 3015
   and 200 V per Machine Model
• Power-up 3-State
• Power-up reset




Similar Part No. - 74ABT573A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT573A PHILIPS-74ABT573A Datasheet
52Kb / 6P
Octal D-type transparent latch (3-State)
1995 Sep 06
74ABT573AD PHILIPS-74ABT573AD Datasheet
52Kb / 6P
Octal D-type transparent latch (3-State)
1995 Sep 06
74ABT573ADB PHILIPS-74ABT573ADB Datasheet
52Kb / 6P
Octal D-type transparent latch (3-State)
1995 Sep 06
74ABT573AN PHILIPS-74ABT573AN Datasheet
52Kb / 6P
Octal D-type transparent latch (3-State)
1995 Sep 06
74ABT573APW PHILIPS-74ABT573APW Datasheet
52Kb / 6P
Octal D-type transparent latch (3-State)
1995 Sep 06
More results


Similar Description - 74ABT573A

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
Octal D-type transparent latch 3-state
2003 Jun 25
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
Octal D-type transparent latch; 3-state
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
Octal D-type transparent latch (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com