Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74LV373 Datasheet (PDF) - System Logic Semiconductor

SL74LV373 Datasheet PDF - System Logic Semiconductor
Part # SL74LV373
Download  SL74LV373 Download
File Size   47.9 Kbytes
Page   8 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description OCTAL D-TYPE TRANSPARENT LATCH(3-State)

SL74LV373 Datasheet (PDF)

Go To PDF Page Download Datasheet
SL74LV373 Datasheet PDF - System Logic Semiconductor

Part # SL74LV373
Download  SL74LV373 Click to download

File Size   47.9 Kbytes
Page   8 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description OCTAL D-TYPE TRANSPARENT LATCH(3-State)

SL74LV373 Datasheet (HTML) - System Logic Semiconductor


SL74LV373 Product details

SL74LV373 are compatible by pinning with SL74HC373 and SL74HCT373 series. Input voltage levels are compatible with standard CMOS levels.

• Output voltage levels are compatible with input levels of CMOS, NMOS and TTL ICS
• Voltage supply range: 2.0 to 3.2 V
• LOW input current: 1.0 mÀ; 0.1 mÀ at Ò = 25 °Ñ
• Input current LOW/HIGH: 8 mÀ
• Latch current: not less than 150 mÀ at Ò = 125 °Ñ
• ESD acceptable value: not less than 2000 V as per HBM and not less than 200 V as per MM




Similar Part No. - SL74LV373

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74LV374 SLS-SL74LV374 Datasheet
47Kb / 8P
OCTAL D-TIME FLIP-FLOP; POSITIVE EDGETRIGGER (3-StatE)
SL74LV374D SLS-SL74LV374D Datasheet
47Kb / 8P
OCTAL D-TIME FLIP-FLOP; POSITIVE EDGETRIGGER (3-StatE)
SL74LV374N SLS-SL74LV374N Datasheet
47Kb / 8P
OCTAL D-TIME FLIP-FLOP; POSITIVE EDGETRIGGER (3-StatE)
More results


Similar Description - SL74LV373

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
Octal D-type transparent latch 3-state
2003 Jun 25
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
Octal D-type transparent latch; 3-state
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
Octal D-type transparent latch (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com