Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74LV374 Datasheet (PDF) - System Logic Semiconductor

SL74LV374 Datasheet PDF - System Logic Semiconductor
Part # SL74LV374
Download  SL74LV374 Download
File Size   47.12 Kbytes
Page   8 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description OCTAL D-TIME FLIP-FLOP; POSITIVE EDGETRIGGER (3-StatE)

SL74LV374 Datasheet (PDF)

Go To PDF Page Download Datasheet
SL74LV374 Datasheet PDF - System Logic Semiconductor

Part # SL74LV374
Download  SL74LV374 Click to download

File Size   47.12 Kbytes
Page   8 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description OCTAL D-TIME FLIP-FLOP; POSITIVE EDGETRIGGER (3-StatE)

SL74LV374 Datasheet (HTML) - System Logic Semiconductor


SL74LV374 Product details

OCTAL D-TIME FLIP-FLOP; POSITIVE EDGE-TRIGGER (3-StatE)

SL74LV374 are compatible by pinning with SL74HC374 and SL74HCT374 series. Input voltage levels are compatible with standard CMOS levels.

 • Output voltage levels are compatible with input levels of CMOS, NMOS and TTL ICS.
 • Supply voltage range from 2.0 to 3.2 V
 • LOW input current: 1.0 μÀ; 0.1 μÀ at Ò = 25 °Ñ
 • Output current 8 mÀ
 • Latch current value not less than 150 mÀ at Ò = 125 °Ñ
 • ESD acceptable values: not less than 2000 V as per HBM, and not less than 200 V as per MM




Similar Part No. - SL74LV374

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV373D SLS-SL74LV373D Datasheet
47Kb / 8P
OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV373N SLS-SL74LV373N Datasheet
47Kb / 8P
OCTAL D-TYPE TRANSPARENT LATCH(3-State)
More results


Similar Description - SL74LV374

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F564 PHILIPS-74F564 Datasheet
80Kb / 10P
Octal D flip-flop 3-State
1996 Jan 05
74LV374 PHILIPS-74LV374 Datasheet
111Kb / 12P
Octal D-type flip-flop; positive edge-trigger 3-State
1997 Mar 20
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74ALVC574 PHILIPS-74ALVC574 Datasheet
95Kb / 20P
Octal D-type flip-flop positive edge-trigger 3-state
2002 Mar 04
logo
Integral Corp.
IN74LV374 INTEGRAL-IN74LV374 Datasheet
141Kb / 7P
OCTAL D-TYPE FLIP-FLOP POSITIVE EDGETRIGGER (3-STATE)
logo
NXP Semiconductors
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
74HC374D-T NXP-74HC374D-T Datasheet
65Kb / 8P
Octal D-type flip-flop; positive edge-trigger; 3-state
December 1990
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
74AHCT574 NEXPERIA-74AHCT574 Datasheet
655Kb / 18P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02 - 24 January 2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com