Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LV574 Datasheet (PDF) - NXP Semiconductors

74LV574 Datasheet PDF - NXP Semiconductors
Part # 74LV574
Download  74LV574 Download
File Size   121.99 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal D-type flip-flop; positive edge-trigger 3-State

74LV574 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV574 Datasheet PDF - NXP Semiconductors

Part # 74LV574
Download  74LV574 Click to download

File Size   121.99 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal D-type flip-flop; positive edge-trigger 3-State

74LV574 Datasheet (HTML) - NXP Semiconductors


74LV574 Product details

DESCRIPTION

The 74LV574 is a low-voltage Si-gate CMOS device and is pin and function compatible with 74HC/HCT574.

The 74LV574 is an octal D-type flip–flop featuring separate D-type inputs for each flip-flop and non-inverting 3-state outputs for bus oriented applications. A clock (CP) and an output enable (OE) input are common to all flip-flops.

The eight flip-flops will store the state of their individual D-inputs that meet the set-up and hold times requirements on the LOW-to-HIGH CP transition.

When OE is LOW, the contents of the eight flip-flops is available at the outputs. When OE is HIGH, the outputs go to the high impedance OFF-state. Operation of the OE input does not affect the state of the flip-flops.



FEATURES

• Wide operating voltage: 1.0 to 5.5V

• Optimized for Low Voltage applications: 1.0 to 3.6V

• Accepts TTL input levels between VCC = 2.7V and VCC = 3.6V

• Typical VOLP (output ground bounce) < 0.8V at VCC = 3.3V, Tamb = 25°C

• Typical VOHV (output VOH undershoot) > 2V at VCC = 3.3V, Tamb = 25°C

• Common 3-State output enable input

• Output capability: bus driver

• ICC category: MSI



 




Similar Part No. - 74LV574

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LV574A TI-74LV574A Datasheet
846Kb / 20P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
More results


Similar Description - 74LV574

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV374 PHILIPS-74LV374 Datasheet
111Kb / 12P
Octal D-type flip-flop; positive edge-trigger 3-State
1997 Mar 20
74ALVC574 PHILIPS-74ALVC574 Datasheet
95Kb / 20P
Octal D-type flip-flop positive edge-trigger 3-state
2002 Mar 04
logo
Integral Corp.
IN74LV574 INTEGRAL-IN74LV574 Datasheet
194Kb / 8P
Octal D-type flip-flop; positive edge-trigger (3-State)
logo
NXP Semiconductors
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
74HC374D-T NXP-74HC374D-T Datasheet
65Kb / 8P
Octal D-type flip-flop; positive edge-trigger; 3-state
December 1990
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
74AHCT574 NEXPERIA-74AHCT574 Datasheet
655Kb / 18P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02 - 24 January 2008
74ALVC374 NEXPERIA-74ALVC374 Datasheet
259Kb / 15P
Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com