Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC574 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC574 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC574
Download  74HC574 Download
File Size   289.06 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal D-type flip-flop; positive edge-trigger; 3-state

74HC574 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC574 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC574
Download  74HC574 Click to download

File Size   289.06 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal D-type flip-flop; positive edge-trigger; 3-state

74HC574 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC574 Product details

1. General description
The 74HC574; 74HCT574 is an 8-bit positive-edge triggered D-type flip-flop with 3-state outputs.
The device features a clock (CP) and output enable (OE) inputs. The flip-flops will store the state
of their individual D-inputs that meet the set-up and hold time requirements on the LOW-to-HIGH
clock (CP) transition. A HIGH on OE causes the outputs to assume a high-impedance OFF-state.
Operation of the OE input does not affect the state of the flip-flops. Inputs include clamp diodes.
This enables the use of current limiting resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• Input levels:
• For 74HC574: CMOS level
• For 74HCT574: TTL level
• 3-state non-inverting outputs for bus oriented applications
• 8-bit positive, edge-triggered register
• Common 3-state output enable input
• ESD protection:
• • HBM JESD22-A114F exceeds 2 kV
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74HC574

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC574 PHILIPS-74HC574 Datasheet
57Kb / 7P
Octal D-type flip-flop; positive edge-trigger; 3-state
December 1990
logo
ON Semiconductor
74HC574 ONSEMI-74HC574 Datasheet
132Kb / 8P
Octal 3?뭆tate Noninverting D Flip?묯lop
March, 2007 ??Rev. 1
logo
Nexperia B.V. All right...
74HC574-Q100 NEXPERIA-74HC574-Q100 Datasheet
785Kb / 17P
Octal D-type flip-flop; positive edge-trigger; 3-state
74HC574-Q100 NEXPERIA-74HC574-Q100 Datasheet
281Kb / 17P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 4 - 13 July 2022
74HC574-Q100 NEXPERIA-74HC574-Q100_V01 Datasheet
281Kb / 17P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 4 - 13 July 2022
More results


Similar Description - 74HC574

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV374 PHILIPS-74LV374 Datasheet
111Kb / 12P
Octal D-type flip-flop; positive edge-trigger 3-State
1997 Mar 20
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74ALVC574 PHILIPS-74ALVC574 Datasheet
95Kb / 20P
Octal D-type flip-flop positive edge-trigger 3-state
2002 Mar 04
logo
Integral Corp.
IN74LV574 INTEGRAL-IN74LV574 Datasheet
194Kb / 8P
Octal D-type flip-flop; positive edge-trigger (3-State)
logo
NXP Semiconductors
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
74HC374D-T NXP-74HC374D-T Datasheet
65Kb / 8P
Octal D-type flip-flop; positive edge-trigger; 3-state
December 1990
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74AHCT574 NEXPERIA-74AHCT574 Datasheet
655Kb / 18P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02 - 24 January 2008
74ALVC374 NEXPERIA-74ALVC374 Datasheet
259Kb / 15P
Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com