Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ABT648 Datasheet (PDF) - NXP Semiconductors

74ABT648 Datasheet PDF - NXP Semiconductors
Part # 74ABT648
Download  74ABT648 Download
File Size   120.87 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal transceiver/register, inverting 3-State

74ABT648 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ABT648 Datasheet PDF - NXP Semiconductors

Part # 74ABT648
Download  74ABT648 Click to download

File Size   120.87 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal transceiver/register, inverting 3-State

74ABT648 Datasheet (HTML) - NXP Semiconductors


74ABT648 Product details

DESCRIPTION
The 74ABT648 high-performance BiCMOS device combines low static and dynamic power dissipation with high speed and high output drive.

FEATURES
• Combines 74ABT245 and 74ABT374 type functions in one device
• Independent registers for A and B buses
• Multiplexed real-time and stored data
• Output capability: +64mA/–32mA
• Power-up 3-state
• Power-up reset
• Live insertion/extraction permitted
• Latch-up protection exceeds 500mA per Jedec Std 17
• ESD protection exceeds 2000 V per MIL STD 883 Method 3015
   and 200 V per Machine Model




Similar Part No. - 74ABT648

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT640 PHILIPS-74ABT640 Datasheet
104Kb / 10P
Octal transceiver with direction pin, inverting 3-State
1998 Jan 16
74ABT640D PHILIPS-74ABT640D Datasheet
104Kb / 10P
Octal transceiver with direction pin, inverting 3-State
1998 Jan 16
74ABT640DB PHILIPS-74ABT640DB Datasheet
104Kb / 10P
Octal transceiver with direction pin, inverting 3-State
1998 Jan 16
74ABT640N PHILIPS-74ABT640N Datasheet
104Kb / 10P
Octal transceiver with direction pin, inverting 3-State
1998 Jan 16
74ABT640PW PHILIPS-74ABT640PW Datasheet
104Kb / 10P
Octal transceiver with direction pin, inverting 3-State
1998 Jan 16
More results


Similar Description - 74ABT648

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646 Datasheet
82Kb / 12P
OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
logo
NXP Semiconductors
74ABT651 PHILIPS-74ABT651 Datasheet
88Kb / 7P
Octal transceiver/register, inverting 3-State
1995 Sep 06
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74F646 PHILIPS-74F646 Datasheet
121Kb / 16P
Octal transceiver/register, non-inverting 3-State
1990 Sep 25
74HC648 PHILIPS-74HC648 Datasheet
95Kb / 12P
Octal bus transceiver/register; 3-state; inverting
December 1990
74LVT652 PHILIPS-74LVT652 Datasheet
110Kb / 14P
3.3V Octal transceiver/register, non-inverting 3-State
1998 Feb 19
logo
Motorola, Inc
MC74AC646 MOTOROLA-MC74AC646 Datasheet
258Kb / 9P
OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
NXP Semiconductors
74ABT652A NXP-74ABT652A Datasheet
113Kb / 19P
Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com