Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ABT651 Datasheet (PDF) - NXP Semiconductors

74ABT651 Datasheet PDF - NXP Semiconductors
Part # 74ABT651
Download  74ABT651 Download
File Size   88.53 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal transceiver/register, inverting 3-State

74ABT651 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ABT651 Datasheet PDF - NXP Semiconductors

Part # 74ABT651
Download  74ABT651 Click to download

File Size   88.53 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal transceiver/register, inverting 3-State

74ABT651 Datasheet (HTML) - NXP Semiconductors


74ABT651 Product details

DESCRIPTION

The 74ABT651 high-performance BiCMOS device combines low static and dynamic power dissipation with high speed and high output drive.

The 74ABT651 transceiver/register consists of bus transceiver circuits with 3-State outputs, D-type flip-flops, and control circuitry arranged for multiplexed transmission of data directly from the input bus or the internal registers. Data on the A or B bus will be clocked into the registers as the appropriate clock pin goes High. Output Enable (OEAB, OEBA) and Select (SAB, SBA) pins are provided for bus management.

The following examples demonstrate the four fundamental bus-management functions that can be performed with the 74ABT651.

The select pins determine whether data is stored or transferred through the device in real time.

The output enable pins determine the direction of the data flow.



FEATURES

• Independent registers for A and B buses

• The 74ABT651 is the inverting version of the 74ABT652

• Multiplexed real-time and stored data

• 3-State outputs

• Live insertion/extraction permitted.

• Power-up 3-State

• Power-up reset

• Output capability: +64mA/–32mA

• Latch-up protection exceeds 500mA per Jedec Std 17

• ESD protection exceeds 2000 V per MIL STD 883 Method 3015 and 200 V per Machine Model



 




Similar Part No. - 74ABT651

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT652 FAIRCHILD-74ABT652 Datasheet
92Kb / 10P
Octal Transceivers and Registers with 3-STATE Outputs
logo
NXP Semiconductors
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74ABT652A NXP-74ABT652A Datasheet
113Kb / 19P
Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
74ABT652AD PHILIPS-74ABT652AD Datasheet
120Kb / 8P
Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74ABT652AD NXP-74ABT652AD Datasheet
113Kb / 19P
Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
More results


Similar Description - 74ABT651

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646 Datasheet
82Kb / 12P
OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
logo
NXP Semiconductors
74ABT648 PHILIPS-74ABT648 Datasheet
120Kb / 14P
Octal transceiver/register, inverting 3-State
1998 Jun 08
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74F646 PHILIPS-74F646 Datasheet
121Kb / 16P
Octal transceiver/register, non-inverting 3-State
1990 Sep 25
74HC648 PHILIPS-74HC648 Datasheet
95Kb / 12P
Octal bus transceiver/register; 3-state; inverting
December 1990
74LVT652 PHILIPS-74LVT652 Datasheet
110Kb / 14P
3.3V Octal transceiver/register, non-inverting 3-State
1998 Feb 19
logo
Motorola, Inc
MC74AC646 MOTOROLA-MC74AC646 Datasheet
258Kb / 9P
OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
NXP Semiconductors
74ABT652A NXP-74ABT652A Datasheet
113Kb / 19P
Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com