Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GOEND12 Datasheet (PDF) - Belden Inc.

GOEND12 Datasheet PDF - Belden Inc.
Part # GOEND12
Download  GOEND12 Download
File Size   147.09 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 12f MM OM3.

GOEND12 Datasheet (PDF)

Go To PDF Page Download Datasheet
GOEND12 Datasheet PDF - Belden Inc.

Part # GOEND12
Download  GOEND12 Click to download

File Size   147.09 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 12f MM OM3.

GOEND12 Datasheet (HTML) - Belden Inc.


GOEND12 Product details

Product Description
Outdoor optical fiber Central Loose Tube (jelly filled tube) cable with glass yarns as strength member and polyethylene outer jacket plus termite protection by
polyamide layer. Product feature: This cable has termite protection by polyamide layer. Existing out of 1 Tube with a diameter of 3.3mm with 12 fibers MM
OM3.




Similar Part No. - GOEND12

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOEND16 BELDEN-GOEND16 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 16f MM OM3.
2023 Belden, Inc
More results


Similar Description - GOEND12

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOCND12 BELDEN-GOCND12 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 12f MM OM3.
2023 Belden, Inc
GODND12 BELDEN-GODND12 Datasheet
153Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 12f MM OM3.
2023 Belden, Inc
GOEN212 BELDEN-GOEN212 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 12f MM OM2.
2023 Belden, Inc
GOEND02 BELDEN-GOEND02 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 2f MM OM3.
2023 Belden, Inc
GOGND12 BELDEN-GOGND12 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) PE PA with 1 Tube of Ø3.3mm 12f MM OM3.
2023 Belden, Inc
GOHND12 BELDEN-GOHND12 Datasheet
156Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE SWB PE with 1 Tube of Ø3.3mm 12f MM OM3.
2023 Belden, Inc
GORND12 BELDEN-GORND12 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) PE with 1 Tube of Ø3.3mm 12f MM OM3.
2023 Belden, Inc
GOSND12 BELDEN-GOSND12 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) PE with 1 Tube of Ø3.3mm 12f MM OM3.
2023 Belden, Inc
GOVND12 BELDEN-GOVND12 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 12f MM OM3.
2023 Belden, Inc
GOWND12 BELDEN-GOWND12 Datasheet
140Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE SWA PE with 1 Tube of Ø3.3mm 12f MM OM3.
2023 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com