Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GOEND16 Datasheet (PDF) - Belden Inc.

GOEND16 Datasheet PDF - Belden Inc.
Part # GOEND16
Download  GOEND16 Download
File Size   147.12 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 16f MM OM3.

GOEND16 Datasheet (PDF)

Go To PDF Page Download Datasheet
GOEND16 Datasheet PDF - Belden Inc.

Part # GOEND16
Download  GOEND16 Click to download

File Size   147.12 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 16f MM OM3.

GOEND16 Datasheet (HTML) - Belden Inc.


GOEND16 Product details

Product Description
Outdoor optical fiber Central Loose Tube (jelly filled tube) cable with glass yarns as strength member and polyethylene outer jacket plus termite protection by
polyamide layer. Product feature: This cable has termite protection by polyamide layer. Existing out of 1 Tube with a diameter of 3.3mm with 16 fibers MM
OM3.




Similar Part No. - GOEND16

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOEND12 BELDEN-GOEND12 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 12f MM OM3.
2023 Belden, Inc
More results


Similar Description - GOEND16

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOCND16 BELDEN-GOCND16 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 16f MM OM3.
2023 Belden, Inc
GODND16 BELDEN-GODND16 Datasheet
153Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 16f MM OM3.
2023 Belden, Inc
GOEN216 BELDEN-GOEN216 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 16f MM OM2.
2023 Belden, Inc
GOENC16 BELDEN-GOENC16 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 16f MM OM5.
2023 Belden, Inc
GOENE16 BELDEN-GOENE16 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 16f MM OM4.
2023 Belden, Inc
GOHND16 BELDEN-GOHND16 Datasheet
156Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE SWB PE with 1 Tube of Ø3.3mm 16f MM OM3.
2023 Belden, Inc
GORND16 BELDEN-GORND16 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) PE with 1 Tube of Ø3.3mm 16f MM OM3.
2023 Belden, Inc
GOSND16 BELDEN-GOSND16 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) PE with 1 Tube of Ø3.3mm 16f MM OM3.
2023 Belden, Inc
GOVND16 BELDEN-GOVND16 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 16f MM OM3.
2023 Belden, Inc
GOWND16 BELDEN-GOWND16 Datasheet
140Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE SWA PE with 1 Tube of Ø3.3mm 16f MM OM3.
2023 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com