Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GOEND24 Datasheet (PDF) - Belden Inc.

GOEND24 Datasheet PDF - Belden Inc.
Part # GOEND24
Download  GOEND24 Download
File Size   147.99 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 24f MM OM3.

GOEND24 Datasheet (PDF)

Go To PDF Page Download Datasheet
GOEND24 Datasheet PDF - Belden Inc.

Part # GOEND24
Download  GOEND24 Click to download

File Size   147.99 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 24f MM OM3.

GOEND24 Datasheet (HTML) - Belden Inc.


GOEND24 Product details

Product Description
Outdoor optical fiber Central Loose Tube (jelly filled tube) cable with glass yarns as strength member and polyethylene outer jacket plus termite protection by
polyamide layer. Product feature: This cable has termite protection by polyamide layer. Existing out of 1 Tube with a diameter of 3.3mm with 24 fibers MM
OM3.




Similar Part No. - GOEND24

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOEND02 BELDEN-GOEND02 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 2f MM OM3.
2023 Belden, Inc
GOEND04 BELDEN-GOEND04 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 4f MM OM3.
2023 Belden, Inc
GOEND06 BELDEN-GOEND06 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 6f MM OM3.
2023 Belden, Inc
GOEND08 BELDEN-GOEND08 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 8f MM OM3.
2023 Belden, Inc
GOEND12 BELDEN-GOEND12 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 12f MM OM3.
2023 Belden, Inc
More results


Similar Description - GOEND24

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GODND24 BELDEN-GODND24 Datasheet
154Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 24f MM OM3.
2023 Belden, Inc
GOENC24 BELDEN-GOENC24 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 24f MM OM5.
2023 Belden, Inc
GOEND02 BELDEN-GOEND02 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 2f MM OM3.
2023 Belden, Inc
GOENE24 BELDEN-GOENE24 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 24f MM OM4.
2023 Belden, Inc
GOGND24 BELDEN-GOGND24 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) PE PA with 1 Tube of Ø3.3mm 24f MM OM3.
2023 Belden, Inc
GOHND24 BELDEN-GOHND24 Datasheet
157Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE SWB PE with 1 Tube of Ø3.3mm 24f MM OM3.
2023 Belden, Inc
GORND24 BELDEN-GORND24 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) PE with 1 Tube of Ø3.3mm 24f MM OM3.
2023 Belden, Inc
GOSND24 BELDEN-GOSND24 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) PE with 1 Tube of Ø3.3mm 24f MM OM3.
2023 Belden, Inc
GOVND24 BELDEN-GOVND24 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 24f MM OM3.
2023 Belden, Inc
GOWND24 BELDEN-GOWND24 Datasheet
140Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE SWA PE with 1 Tube of Ø3.3mm 24f MM OM3.
2023 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com