Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ABT853 Datasheet (PDF) - NXP Semiconductors

74ABT853 Datasheet PDF - NXP Semiconductors
Part # 74ABT853
Download  74ABT853 Download
File Size   82.03 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit transceiver with 9-bit parity checker/ generator and flag latch 3-State

74ABT853 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ABT853 Datasheet PDF - NXP Semiconductors

Part # 74ABT853
Download  74ABT853 Click to download

File Size   82.03 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit transceiver with 9-bit parity checker/ generator and flag latch 3-State

74ABT853 Datasheet (HTML) - NXP Semiconductors


74ABT853 Product details

DESCRIPTION
The 74ABT853 high-performance BiCMOS device combines low static and dynamic power dissipation with high speed and high output drive.

FEATURES
• Low static and dynamic power dissipation with high speed and high output drive
• Open-collector ERROR output
• Output capability: +64mA/–32mA
• Latch-up protection exceeds 500mA per Jedec Std 17
• ESD protection exceeds 2000 V per MIL STD 883 Method 3015 and 200 V per Machine Model
• Power-up 3-State
• Live insertion/extraction permitted




Similar Part No. - 74ABT853

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT821 PHILIPS-74ABT821 Datasheet
69Kb / 6P
10-bit D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74ABT821 NXP-74ABT821 Datasheet
100Kb / 16P
10-bit D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-25 February 2010
74ABT821D PHILIPS-74ABT821D Datasheet
69Kb / 6P
10-bit D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74ABT821D NXP-74ABT821D Datasheet
100Kb / 16P
10-bit D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-25 February 2010
74ABT821DB PHILIPS-74ABT821DB Datasheet
69Kb / 6P
10-bit D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
More results


Similar Description - 74ABT853

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACT899 NSC-54ACT899 Datasheet
311Kb / 12P
9-Bit Latchable Transceiver with Parity Generator/Checker
logo
NXP Semiconductors
74ABT899 PHILIPS-74ABT899 Datasheet
123Kb / 16P
9-bit dual latch transceiver with 8-bit parity generator/checker 3-State
1998 Jan 16
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
9-Bit Latchable Transceiver with Parity Generator/Checker
74ACT899 FAIRCHILD-74ACT899 Datasheet
78Kb / 9P
9-Bit Latchable Transceiver with Parity Generator/Checker
74F657 FAIRCHILD-74F657 Datasheet
61Kb / 7P
Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
74F899 FAIRCHILD-74F899 Datasheet
89Kb / 12P
9-Bit Latchable Transceiver with Parity Generator/Checker
logo
National Semiconductor ...
74AC899 NSC-74AC899 Datasheet
214Kb / 14P
9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
9-bit Parity Generator/Checker
logo
Texas Instruments
SN74BCT899 TI1-SN74BCT899 Datasheet
120Kb / 8P
9-BIT LATCHABLE TRANSCEIVER WITH PARITY GENERATOR/CHECKER
logo
Aeroflex Circuit Techno...
UT54ACTS899 AEROFLEX-UT54ACTS899 Datasheet
171Kb / 17P
9-bit Latchable Transceiver with Parity Generator/Checker
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com