Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ABT899 Datasheet (PDF) - NXP Semiconductors

74ABT899 Datasheet PDF - NXP Semiconductors
Part # 74ABT899
Download  74ABT899 Download
File Size   123.08 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 9-bit dual latch transceiver with 8-bit parity generator/checker 3-State

74ABT899 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ABT899 Datasheet PDF - NXP Semiconductors

Part # 74ABT899
Download  74ABT899 Click to download

File Size   123.08 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 9-bit dual latch transceiver with 8-bit parity generator/checker 3-State

74ABT899 Datasheet (HTML) - NXP Semiconductors


74ABT899 Product details

DESCRIPTION
The 74ABT899 is a 9-bit to 9-bit parity transceiver with separate transparent latches for the A bus and B bus. Either bus can generate or check parity.
   
FEATURES
• Symmetrical (A and B bus functions are identical)
• Selectable generate parity or ”feed-through” parity for A-to-B and
    B-to-A directions
• Independent transparent latches for A-to-B and B-to-A directions
• Selectable ODD/EVEN parity
• Continuously checks parity of both A bus and B bus latches as
    ERRA and ERRB
• Ability to simultaneously generate and check parity
• Can simultaneously read/latch A and B bus data
• Output capability: +64 mA/–32mA
• Latch-up protection exceeds 500mA per Jedec JC40.2 Std 17
• ESD protection exceeds 2000 V per MIL STD 883 Method 3015
    and 200 V per Machine Model
• Power up 3-State
• Power-up reset
• Live insertion/extraction permitted
   




Similar Part No. - 74ABT899

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
9-Bit Latchable Transceiver with Parity Generator/Checker
74ABT899CMSA FAIRCHILD-74ABT899CMSA Datasheet
128Kb / 16P
9-Bit Latchable Transceiver with Parity Generator/Checker
74ABT899CQC FAIRCHILD-74ABT899CQC Datasheet
128Kb / 16P
9-Bit Latchable Transceiver with Parity Generator/Checker
74ABT899CSC FAIRCHILD-74ABT899CSC Datasheet
128Kb / 16P
9-Bit Latchable Transceiver with Parity Generator/Checker
More results


Similar Description - 74ABT899

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACT899 NSC-54ACT899 Datasheet
311Kb / 12P
9-Bit Latchable Transceiver with Parity Generator/Checker
logo
NXP Semiconductors
74ABT853 PHILIPS-74ABT853 Datasheet
82Kb / 7P
8-bit transceiver with 9-bit parity checker/ generator and flag latch 3-State
1995 Sep 06
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
9-Bit Latchable Transceiver with Parity Generator/Checker
74ACT899 FAIRCHILD-74ACT899 Datasheet
78Kb / 9P
9-Bit Latchable Transceiver with Parity Generator/Checker
74F899 FAIRCHILD-74F899 Datasheet
89Kb / 12P
9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
9 - BIT PARITY GENERATOR CHECKER
logo
National Semiconductor ...
74AC899 NSC-74AC899 Datasheet
214Kb / 14P
9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
9-bit Parity Generator/Checker
logo
Texas Instruments
SN74BCT899 TI1-SN74BCT899 Datasheet
120Kb / 8P
9-BIT LATCHABLE TRANSCEIVER WITH PARITY GENERATOR/CHECKER
logo
Aeroflex Circuit Techno...
UT54ACTS899 AEROFLEX-UT54ACTS899 Datasheet
171Kb / 17P
9-bit Latchable Transceiver with Parity Generator/Checker
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com