Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP3294 Datasheet (PDF) - ON Semiconductor

NCP3294 Datasheet PDF - ON Semiconductor
Part # NCP3294
Download  NCP3294 Download
File Size   3032.02 Kbytes
Page   22 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 25 A Stackable Synchronous Buck Regulator

NCP3294 Datasheet (PDF)

Go To PDF Page Download Datasheet
NCP3294 Datasheet PDF - ON Semiconductor

Part # NCP3294
Download  NCP3294 Click to download

File Size   3032.02 Kbytes
Page   22 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 25 A Stackable Synchronous Buck Regulator

NCP3294 Datasheet (HTML) - ON Semiconductor


NCP3294 Product details

The NCP3294 is a highly efficient stackable synchronous buck
regulator, capable of operating with an input range from 3 V to 18 V
and supporting up to 25 A continuous load currents. Higher output
currents can be achieved by 2 parallel NCP3294 devices operating as
an interleaved two−phase buck regulator.
The NCP3294 utilizes fixed−frequency current−mode control to
provide accurate voltage regulation and fast transient response.
Flexible programming of function and parameters supports multiple
applications.

Features
• VIN: 3−18 V with Input Feed−Forward
• VOUT: 0.5−5.5 V with Remote Output Voltage Sense
• 25 A Continuous Output Current – Stackable to 50 A
• Fixed Frequency Current Mode Control
• Integrated 5 V LDO or External Supply
• Enable with Programmable VIN UVLO
• Programmable Boot−Up Voltage
• Programmable Soft−Start
• Pre−Bias Start−Up
• Programmable Current Limit
• Power Good Indicator
• Selectable Protection Mode (Latch−off or Hiccup)
• Under−Voltage and Over−Voltage Protection
• Output Discharge in Shutdown
• 150°C Operating Junction Temperature

Typical Applications
• Networking – Routers and Switches
• Telecom Digital Baseband
• Telecom Radio Unit
• Server and Desktop Computers, Notebooks, Gaming
• High Density Power Solutions
• DC−DC Modules
• General Purpose POL Regulator




Similar Part No. - NCP3294

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3218 ONSEMI-NCP3218 Datasheet
1Mb / 43P
7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
NCP3218 ONSEMI-NCP3218 Datasheet
474Kb / 35P
7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
August, 2012 ??Rev. 4
NCP3218A ONSEMI-NCP3218A Datasheet
496Kb / 35P
7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
June, 2010 ??Rev. 0
NCP3218AMNR2G ONSEMI-NCP3218AMNR2G Datasheet
496Kb / 35P
7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
June, 2010 ??Rev. 0
NCP3218G ONSEMI-NCP3218G Datasheet
474Kb / 35P
7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
August, 2012 ??Rev. 4
More results


Similar Description - NCP3294

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3155A ONSEMI-NCP3155A Datasheet
391Kb / 24P
3 A Synchronous Buck Regulator
February, 2011 ??Rev. 1
NCP3155BDR2G ONSEMI-NCP3155BDR2G Datasheet
419Kb / 25P
3 A Synchronous Buck Regulator
February, 2012 ??Rev. 3
logo
Unisonic Technologies
USR1051 UTC-USR1051 Datasheet
179Kb / 4P
3 A SYNCHRONOUS BUCK REGULATOR
USR1051 UTC-USR1051_15 Datasheet
179Kb / 4P
3 A SYNCHRONOUS BUCK REGULATOR
logo
ON Semiconductor
FAN2315AMPX ONSEMI-FAN2315AMPX Datasheet
1Mb / 21P
10 A Synchronous Buck Regulator
Rev. 1.0
FAN2360AMPX ONSEMI-FAN2360AMPX Datasheet
1Mb / 21P
10 A Synchronous Buck Regulator
September 2015 Rev. 1.0
FAN53713 ONSEMI-FAN53713 Datasheet
437Kb / 12P
1.5 A Synchronous Buck Regulator
September, 2017 ??Rev. 0
FAN53763 ONSEMI-FAN53763 Datasheet
288Kb / 12P
1.5 A Synchronous Buck Regulator
October, 2017 ??Rev. 1
logo
Infineon Technologies A...
IR3447A INFINEON-IR3447A Datasheet
1Mb / 40P
25 A single-voltage synchronous Buck regulator
V 2.4 2021-11-19
TDA38827 INFINEON-TDA38827 Datasheet
2Mb / 48P
25 A single-voltage synchronous Buck regulator
V2.3 2021-7-19
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com