Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP3218 Datasheet (PDF) - ON Semiconductor

NCP3218 Datasheet PDF - ON Semiconductor
Part # NCP3218
Download  NCP3218 Download
File Size   1260.9 Kbytes
Page   43 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller

NCP3218 Datasheet (PDF)

Go To PDF Page Download Datasheet
NCP3218 Datasheet PDF - ON Semiconductor

Part # NCP3218
Download  NCP3218 Click to download

File Size   1260.9 Kbytes
Page   43 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller

NCP3218 Datasheet (HTML) - ON Semiconductor


NCP3218 Product details

The APD3212/NCP3218/NCP3218G is a highly efficient, multi−phase, synchronous buck switching regulator controller. With its integrated drivers, the APD3212/NCP3218/NCP3218G is optimized for converting the notebook battery voltage into the core supply voltage required by high performance Intel processors. An internal 7−bit DAC is used to read a VID code directly from the processor and to set the CPU core voltage to a value within the range of 0.3 V to 1.5 V. The APD3212/NCP3218/NCP3218G is programmable for 1−, 2−, or 3−phase operation. The output signals ensure interleaved 2− or 3−phase operation.
The APD3212/NCP3218/NCP3218G uses a multimode architecture run at a programmable switching frequency and optimized for efficiency depending on the output current requirement. The APD3212/NCP3218/NCP3218G switches between single− and multi−phase operation to maximize efficiency with all load conditions. The chip includes a programmable load line slope function to adjust the output voltage as a function of the load current so that the core voltage is always optimally positioned for a load transient. The APD3212/NCP3218/NCP3218G also provides accurate and reliable short−circuit protection, adjustable current limiting, and a delayed power−good output. The IC supports On−The−Fly (OTF) output voltage changes requested by the CPU.
The APD3212/NCP3218/NCP3218G are specified over the extended commercial temperature range of −40°C to 100°C. The ADP3212 is available in a 48−lead QFN 7x7mm 0.5mm pitch package. The NCP3218/NCP3218G is available in a 48−lead QFN 6x6mm 0.4mm pitch package. ADP3212/NCP3218 has 1.1 V Vboot Voltage, while NCP3218G has 987.5 mV Vboot Voltage. Except for the packages and Vboot Voltages, the APD3212/NCP3218/ NCP3218G are identical. APD3212/NCP3218/NCP3218G are Halogen−Free, Pb−Free and RoHS compliant.

Features
• Single−Chip Solution
• Fully Compatible with the Intel® IMVP−6.5™ Specifications
• Selectable 1−, 2−, or 3−Phase Operation with Up to 1 MHz per Phase Switching Frequency
• Phase 1 and Phase 2 Integrated MOSFET Drivers
• Input Voltage Range of 3.3 V to 22 V
• Guaranteed ±8 mV Worst−Case Differentially Sensed Core Voltage Error Over Temperature
• Automatic Power−Saving Mode Maximizes Efficiency with Light Load During Deeper Sleep Operation
• Active Current Balancing Between Output Phases
• Independent Current Limit and Load Line Setting Inputs for Additional Design Flexibility
• Built−In Power−Good Blanking Supports Voltage Identification (VID) On−The−Fly (OTF) Transients
• 7−Bit, Digitally Programmable DAC with 0.3 V to 1.5 V Output
• Short−Circuit Protection with Programmable Latchoff Delay
• Clock Enable Output Delays the CPU Clock Until the Core Voltage is Stable
• Output Power or Current Monitor Options
• 48−Lead QFN 7x7mm (ADP3212), 48−Lead QFN 6x6mm (NCP3218/NCP3218G)
• Vboot = 1.1 V (ADP3212/NCP3218)
   Vboot = 987.5 mV (NCP3218G)
• These are Pb−Free Devices
• Fully RoHS Compliant

Applications
• Notebook Power Supplies for Next−Generation Intel Processors




Similar Part No. - NCP3218

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3218 ONSEMI-NCP3218 Datasheet
474Kb / 35P
7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
August, 2012 ??Rev. 4
NCP3218A ONSEMI-NCP3218A Datasheet
496Kb / 35P
7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
June, 2010 ??Rev. 0
NCP3218AMNR2G ONSEMI-NCP3218AMNR2G Datasheet
496Kb / 35P
7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
June, 2010 ??Rev. 0
NCP3218G ONSEMI-NCP3218G Datasheet
474Kb / 35P
7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
August, 2012 ??Rev. 4
NCP3218GMNR2G ONSEMI-NCP3218GMNR2G Datasheet
474Kb / 35P
7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
August, 2012 ??Rev. 4
More results


Similar Description - NCP3218

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3208C ONSEMI-ADP3208C Datasheet
1Mb / 41P
7-Bit,Programmable,Dual- Phase,Mobile,CPU,Synchronous Buck Controller
May 2008??Rev. 1
ADP3210 ONSEMI-ADP3210 Datasheet
822Kb / 38P
7-Bit Programmable Multiphase Mobile CPU Synchronous
Rev. 0.3
ADP3211 ONSEMI-ADP3211 Datasheet
519Kb / 32P
7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
ADP3207C ONSEMI-ADP3207C Datasheet
531Kb / 32P
7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
December, 2009 ??Rev. 0
ADP3208D ONSEMI-ADP3208D Datasheet
823Kb / 37P
7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
February, 2010 ??Rev. 0
ADP3212A ONSEMI-ADP3212A Datasheet
496Kb / 35P
7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
June, 2010 ??Rev. 0
ADP3211NMNR2G ONSEMI-ADP3211NMNR2G Datasheet
524Kb / 32P
7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
November, 2009 ??Rev. 2
ADP3207DJCPZ-RL ONSEMI-ADP3207DJCPZ-RL Datasheet
494Kb / 32P
7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck
December, 2009 ??Rev. 0
logo
Analog Devices
ADP3208AJCPZ-RL AD-ADP3208AJCPZ-RL Datasheet
784Kb / 38P
7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
January 2008 ??Rev. 2
logo
ON Semiconductor
NCP3218GMNR2G ONSEMI-NCP3218GMNR2G Datasheet
474Kb / 35P
7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
August, 2012 ??Rev. 4
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com