Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3210 Datasheet (PDF) - ON Semiconductor

ADP3210 Datasheet PDF - ON Semiconductor
Part # ADP3210
Download  ADP3210 Download
File Size   822.26 Kbytes
Page   38 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 7-Bit Programmable Multiphase Mobile CPU Synchronous

ADP3210 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3210 Datasheet PDF - ON Semiconductor

Part # ADP3210
Download  ADP3210 Click to download

File Size   822.26 Kbytes
Page   38 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 7-Bit Programmable Multiphase Mobile CPU Synchronous

ADP3210 Datasheet (HTML) - ON Semiconductor


ADP3210 Product details

GENERAL DESCRIPTION
The ADP3210 is a high efficiency, multiphase, synchronous, buck-switching regulator controller optimized for converting notebook battery voltage into the core supply voltage of high performance Intel processors. The part uses an internal 7-bit DAC to read voltage identification (VID) code directly from the processor that sets the output voltage. The phase relationship of the output signals can be configured for 1-, 2-, or 3-phase operation, with interleaved switching.

FEATURES
    1-, 2-, or 3-phase operation at up to 1 MHz per phase
    Input Voltage Range of 3.3 V to 22 V
    ±8 mV worst-case differential sensing error over temperature
    Interleaved PWM outputs for driving external high power MOSFET drivers
    Automatic power-saving modes maximize efficiency during light load and deeper sleep operation
    Active current balancing between output phases
    Independent current limit and load line setting inputs for additional design flexibility
    7-bit digitally programmable 0 V to 1.5 V output
    Overload and short-circuit protection with latch-off delay
    Built-in clock enable output for delaying CPU clock synchronization until CPU supply voltage stabilizes
    Output Current Monitor

APPLICATIONS
    Notebook power supplies for next generation Intel® processors




Similar Part No. - ADP3210

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3211 ONSEMI-ADP3211 Datasheet
519Kb / 32P
7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
ADP3211A ONSEMI-ADP3211A Datasheet
519Kb / 32P
7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
ADP3211AMNR2G ONSEMI-ADP3211AMNR2G Datasheet
519Kb / 32P
7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
ADP3211AMNR2G ONSEMI-ADP3211AMNR2G Datasheet
524Kb / 32P
7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
November, 2009 ??Rev. 2
ADP3211MNR2G ONSEMI-ADP3211MNR2G Datasheet
519Kb / 32P
7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
More results


Similar Description - ADP3210

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6918 STMICROELECTRONICS-L6918 Datasheet
760Kb / 35P
5 BIT PROGRAMMABLE MULTIPHASE CONTROLLER
Oct-2002
logo
ON Semiconductor
ADP3208C ONSEMI-ADP3208C Datasheet
1Mb / 41P
7-Bit,Programmable,Dual- Phase,Mobile,CPU,Synchronous Buck Controller
May 2008??Rev. 1
ADP3212 ONSEMI-ADP3212 Datasheet
1Mb / 43P
7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
ADP3207C ONSEMI-ADP3207C Datasheet
531Kb / 32P
7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
December, 2009 ??Rev. 0
ADP3208D ONSEMI-ADP3208D Datasheet
823Kb / 37P
7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
February, 2010 ??Rev. 0
ADP3212A ONSEMI-ADP3212A Datasheet
496Kb / 35P
7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
June, 2010 ??Rev. 0
ADP3211NMNR2G ONSEMI-ADP3211NMNR2G Datasheet
524Kb / 32P
7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
November, 2009 ??Rev. 2
ADP3207DJCPZ-RL ONSEMI-ADP3207DJCPZ-RL Datasheet
494Kb / 32P
7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck
December, 2009 ??Rev. 0
logo
Analog Devices
ADP3208AJCPZ-RL AD-ADP3208AJCPZ-RL Datasheet
784Kb / 38P
7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
January 2008 ??Rev. 2
logo
ON Semiconductor
NCP3218GMNR2G ONSEMI-NCP3218GMNR2G Datasheet
474Kb / 35P
7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
August, 2012 ??Rev. 4
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com