Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3208C Datasheet (PDF) - ON Semiconductor

ADP3208C Datasheet PDF - ON Semiconductor
Part # ADP3208C
Download  ADP3208C Download
File Size   1557.91 Kbytes
Page   41 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 7-Bit,Programmable,Dual- Phase,Mobile,CPU,Synchronous Buck Controller

ADP3208C Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3208C Datasheet PDF - ON Semiconductor

Part # ADP3208C
Download  ADP3208C Click to download

File Size   1557.91 Kbytes
Page   41 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 7-Bit,Programmable,Dual- Phase,Mobile,CPU,Synchronous Buck Controller

ADP3208C Datasheet (HTML) - ON Semiconductor


ADP3208C Product details

GENERAL DESCRIPTION
The ADP3208C is a highly efficient, multiphase, synchronous buck switching regulator controller. With its integrated drivers, the ADP3208C is optimized for converting the notebook battery voltage into the core supply voltage required by high performance Intel processors. An internal 7-bit DAC is used to read a VID code directly from the processor and to set the CPU core voltage to a value within the range of 0.3 V to 1.5 V. The phase relationship of the output signals ensures interleaved 2- phase operation.

FEATURES
    Single-chip solution
        Fully compatible with the Intel® IMVP-6+™ specifications
    Integrated MOSFET drivers
    Input Voltage Range of 3.3 V to 22 V
    Selectable 1- or 2-phase operation with up to 1 MHz per phase switching frequency
    Guaranteed ±8 mV worst-case differentially sensed core voltage error over temperature
    Automatic power-saving mode maximizes efficiency with light load during deeper sleep operation
    Soft transient control reduces inrush current and audio noise
    Active current balancing between output phases
    Independent current limit and load line setting inputs for additional design flexibility
    Built-in power-good blanking supports voltage identification (VID) on-the-fly transients
    7-bit, digitally programmable DAC with 0.3 V to 1.5 V output
    Short-circuit protection with latch-off delay
    Clock enable output delays the CPU clock until the core voltage is stable
    Output load current monitor
    48-lead LFCSP

APPLICATIONS
    Notebook power supplies for next-generation Intel processors




Similar Part No. - ADP3208C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3208A AD-ADP3208A Datasheet
784Kb / 38P
7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
January 2008 ??Rev. 2
ADP3208AJCPZ-RL AD-ADP3208AJCPZ-RL Datasheet
784Kb / 38P
7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
January 2008 ??Rev. 2
logo
ON Semiconductor
ADP3208D ONSEMI-ADP3208D Datasheet
823Kb / 37P
7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
February, 2010 ??Rev. 0
ADP3208DJCPZ-RL ONSEMI-ADP3208DJCPZ-RL Datasheet
823Kb / 37P
7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
February, 2010 ??Rev. 0
More results


Similar Description - ADP3208C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3210 ONSEMI-ADP3210 Datasheet
822Kb / 38P
7-Bit Programmable Multiphase Mobile CPU Synchronous
Rev. 0.3
ADP3211 ONSEMI-ADP3211 Datasheet
519Kb / 32P
7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
ADP3212 ONSEMI-ADP3212 Datasheet
1Mb / 43P
7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
ADP3207C ONSEMI-ADP3207C Datasheet
531Kb / 32P
7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
December, 2009 ??Rev. 0
ADP3208D ONSEMI-ADP3208D Datasheet
823Kb / 37P
7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
February, 2010 ??Rev. 0
ADP3212A ONSEMI-ADP3212A Datasheet
496Kb / 35P
7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
June, 2010 ??Rev. 0
ADP3211NMNR2G ONSEMI-ADP3211NMNR2G Datasheet
524Kb / 32P
7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
November, 2009 ??Rev. 2
ADP3207DJCPZ-RL ONSEMI-ADP3207DJCPZ-RL Datasheet
494Kb / 32P
7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck
December, 2009 ??Rev. 0
logo
Analog Devices
ADP3208AJCPZ-RL AD-ADP3208AJCPZ-RL Datasheet
784Kb / 38P
7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
January 2008 ??Rev. 2
logo
ON Semiconductor
NCP3218GMNR2G ONSEMI-NCP3218GMNR2G Datasheet
474Kb / 35P
7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
August, 2012 ??Rev. 4
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com