Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCFF100H120SWF Datasheet (PDF) - ON Semiconductor

PCFF100H120SWF Datasheet PDF - ON Semiconductor
Part # PCFF100H120SWF
Download  PCFF100H120SWF Download
File Size   104.84 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Diode – Power, Bare Die Gen VII, Fast Recovery 1200 V, 100 A

PCFF100H120SWF Datasheet (PDF)

Go To PDF Page Download Datasheet
PCFF100H120SWF Datasheet PDF - ON Semiconductor

Part # PCFF100H120SWF
Download  PCFF100H120SWF Click to download

File Size   104.84 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Diode – Power, Bare Die Gen VII, Fast Recovery 1200 V, 100 A

PCFF100H120SWF Datasheet (HTML) - ON Semiconductor


PCFF100H120SWF Product details

Features
• Advanced Gen VII Technology
• Fast and Soft Recovery
• Maximum Junction Temperature 175°C
• Low Forward Voltage: VF = 1.78 V (Typ.)  IF = 100 A
• Easy to Parallel Operation

Typical Applications
• Solar
• Energy storage
• Industrial motor control




Similar Part No. - PCFF100H120SWF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCFF30H120SWF ONSEMI-PCFF30H120SWF Datasheet
102Kb / 4P
Diode – Power, Bare Die Gen VII, Fast Recovery 1200 V, 30 A
April, 2023 - Rev. 0
PCFF30H120SWF ONSEMI-PCFF30H120SWF Datasheet
104Kb / 4P
Diode – Power, Bare Die Gen VII, Fast Recovery 1200 V, 30 A
June, 2023 - Rev. 1
PCFF30H120SWF ONSEMI-PCFF30H120SWF_V01 Datasheet
104Kb / 4P
Diode – Power, Bare Die Gen VII, Fast Recovery 1200 V, 30 A
June, 2023 - Rev. 1
PCFF45H120SWF ONSEMI-PCFF45H120SWF Datasheet
107Kb / 4P
Diode - Power, Bare Die Gen VII, Fast Recovery 1200 V, 45 A
June, 2023 - Rev. 1
PCFF55H120SWF ONSEMI-PCFF55H120SWF Datasheet
104Kb / 4P
Diode – Power, Bare Die Gen VII, Fast Recovery 1200 V, 55 A
December 2022 - Rev. P0
More results


Similar Description - PCFF100H120SWF

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
WNB098C5APPS12 WEEN-WNB098C5APPS12 Datasheet
252Kb / 7P
Hyperfast power diode - Bare die
WNB111S5APTS WEEN-WNB111S5APTS Datasheet
254Kb / 7P
Ultrafast power diode - Bare die
WNB138C5APPS12 WEEN-WNB138C5APPS12 Datasheet
251Kb / 7P
Hyperfast power diode - Bare die
WNB169C5APPS12 WEEN-WNB169C5APPS12 Datasheet
251Kb / 7P
Hyperfast power diode - Bare die
WNB325C5APPS12 WEEN-WNB325C5APPS12 Datasheet
253Kb / 7P
Hyperfast power diode - Bare die
WBSF30FC120AL WEEN-WBSF30FC120AL Datasheet
250Kb / 7P
Hyperfast power diode - Bare die
logo
ON Semiconductor
PCFF55H120SWF ONSEMI-PCFF55H120SWF Datasheet
104Kb / 4P
Diode – Power, Bare Die Gen VII, Fast Recovery 1200 V, 55 A
December 2022 - Rev. P0
PCFF75H120SWF ONSEMI-PCFF75H120SWF Datasheet
104Kb / 4P
Diode – Power, Bare Die Gen VII, Fast Recovery 1200 V, 75 A
March 2023 - Rev. P0
PCFF30H120SWF ONSEMI-PCFF30H120SWF Datasheet
102Kb / 4P
Diode – Power, Bare Die Gen VII, Fast Recovery 1200 V, 30 A
April, 2023 - Rev. 0
PCFF60H120SWF ONSEMI-PCFF60H120SWF Datasheet
104Kb / 4P
Diode - Power, Bare Die Gen VII, Fast Recovery 1200 V, 60 A
May, 2023 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com