Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCFF60H120SWF Datasheet (PDF) - ON Semiconductor

PCFF60H120SWF Datasheet PDF - ON Semiconductor
Part # PCFF60H120SWF
Download  PCFF60H120SWF Download
File Size   104.92 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Diode - Power, Bare Die Gen VII, Fast Recovery 1200 V, 60 A

PCFF60H120SWF Datasheet (PDF)

Go To PDF Page Download Datasheet
PCFF60H120SWF Datasheet PDF - ON Semiconductor

Part # PCFF60H120SWF
Download  PCFF60H120SWF Click to download

File Size   104.92 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Diode - Power, Bare Die Gen VII, Fast Recovery 1200 V, 60 A

PCFF60H120SWF Datasheet (HTML) - ON Semiconductor


PCFF60H120SWF Product details

Features
 Advanced Gen VII Technology
 Fast and Soft Recovery
 Maximum Junction Temperature 175C
 Low Forward Voltage: VF = 1.78 V (Typ.)  IF = 60 A
 Easy to Parallel Operation

Typical Applications
 Solar
 Energy Storage
 Industrial Motor Control




Similar Part No. - PCFF60H120SWF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCFF100H120SWF ONSEMI-PCFF100H120SWF Datasheet
104Kb / 4P
Diode – Power, Bare Die Gen VII, Fast Recovery 1200 V, 100 A
December 2022 - Rev. P0
PCFF30H120SWF ONSEMI-PCFF30H120SWF Datasheet
102Kb / 4P
Diode – Power, Bare Die Gen VII, Fast Recovery 1200 V, 30 A
April, 2023 - Rev. 0
PCFF30H120SWF ONSEMI-PCFF30H120SWF Datasheet
104Kb / 4P
Diode – Power, Bare Die Gen VII, Fast Recovery 1200 V, 30 A
June, 2023 - Rev. 1
PCFF30H120SWF ONSEMI-PCFF30H120SWF_V01 Datasheet
104Kb / 4P
Diode – Power, Bare Die Gen VII, Fast Recovery 1200 V, 30 A
June, 2023 - Rev. 1
PCFF45H120SWF ONSEMI-PCFF45H120SWF Datasheet
107Kb / 4P
Diode - Power, Bare Die Gen VII, Fast Recovery 1200 V, 45 A
June, 2023 - Rev. 1
More results


Similar Description - PCFF60H120SWF

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
WNB098C5APPS12 WEEN-WNB098C5APPS12 Datasheet
252Kb / 7P
Hyperfast power diode - Bare die
WNB138C5APPS12 WEEN-WNB138C5APPS12 Datasheet
251Kb / 7P
Hyperfast power diode - Bare die
logo
Vishay Siliconix
VS-U5FH60FA120 VISHAY-VS-U5FH60FA120 Datasheet
161Kb / 6P
FRED Pt® Gen 5 Ultrafast Rectifier Diode, 1200 V, 60 A
19-May-2022
VS-U5FX60FA120 VISHAY-VS-U5FX60FA120 Datasheet
162Kb / 6P
FRED Pt® Gen 5 Hyperfast Rectifier Diode, 1200 V, 60 A
19-May-2022
logo
ON Semiconductor
PCFF100H120SWF ONSEMI-PCFF100H120SWF Datasheet
104Kb / 4P
Diode – Power, Bare Die Gen VII, Fast Recovery 1200 V, 100 A
December 2022 - Rev. P0
PCFF55H120SWF ONSEMI-PCFF55H120SWF Datasheet
104Kb / 4P
Diode – Power, Bare Die Gen VII, Fast Recovery 1200 V, 55 A
December 2022 - Rev. P0
logo
Vishay Siliconix
VS-U5FH60FA120 VISHAY-VS-U5FH60FA120_V01 Datasheet
161Kb / 6P
FRED Pt® Gen 5 Ultrafast Rectifier Diode, 1200 V, 60 A
19-May-2022
VS-U5FX60FA120 VISHAY-VS-U5FX60FA120_V01 Datasheet
161Kb / 6P
FRED Pt® Gen 5 Hyperfast Rectifier Diode, 1200 V, 60 A
19-May-2022
logo
ON Semiconductor
PCFF75H120SWF ONSEMI-PCFF75H120SWF Datasheet
104Kb / 4P
Diode – Power, Bare Die Gen VII, Fast Recovery 1200 V, 75 A
March 2023 - Rev. P0
PCFF30H120SWF ONSEMI-PCFF30H120SWF Datasheet
102Kb / 4P
Diode – Power, Bare Die Gen VII, Fast Recovery 1200 V, 30 A
April, 2023 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com