Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCFF60H120SWF Datasheet(PDF) 1 Page - ON Semiconductor

Part # PCFF60H120SWF
Description  Diode - Power, Bare Die Gen VII, Fast Recovery 1200 V, 60 A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCFF60H120SWF Datasheet(HTML) 1 Page - ON Semiconductor

  PCFF60H120SWF Datasheet HTML 1Page - ON Semiconductor PCFF60H120SWF Datasheet HTML 2Page - ON Semiconductor PCFF60H120SWF Datasheet HTML 3Page - ON Semiconductor PCFF60H120SWF Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIE DATA SHEET
www.onsemi.com
 Semiconductor Components Industries, LLC, 2023
May, 2023 − Rev. 0
1
Publication Order Number:
PCFF60H120SWF−DIE/D
Diode - Power, Bare Die
Gen VII, Fast Recovery
1200 V, 60 A
PCFF60H120SWF
Features
 Advanced Gen VII Technology
 Fast and Soft Recovery
 Maximum Junction Temperature 175C
 Low Forward Voltage: VF = 1.78 V (Typ.) @ IF = 60 A
 Easy to Parallel Operation
Typical Applications
 Solar
 Energy Storage
 Industrial Motor Control
MECHANICAL PARAMETERS
Parameter
Value
Unit
Die Size(w/ Scribe Lane)
3,200 x 7,360
mm2
Anode Pad Size
2,217 x 6,377
mm2
Scribe Lane Width
80
mm
Die Thickness
119
mm
Top Metal
6 mm AlSiCu
Back Metal
1.65 mm Ti/NiV/Ag
Topside Passivation
Silicon Nitride plus Polyimide
Wafer Diameter
200 mm
Max Possible Die Per
Wafer
1,049
Recommended Storage
Environment
In original container, in dry nitrogen, < 6
months at an ambient temperature of 23C
Device
Inking
Shipping
ORDERING INFORMATION
PCFF60H120SWF
Yes
Sawn Wafer
on Tape
DIE OUTLINE
VR = 1200 V
IF = 60 A
DIODE DIE
C
A


Similar Part No. - PCFF60H120SWF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCFF100H120SWF ONSEMI-PCFF100H120SWF Datasheet
104Kb / 4P
Diode – Power, Bare Die Gen VII, Fast Recovery 1200 V, 100 A
December 2022 - Rev. P0
PCFF30H120SWF ONSEMI-PCFF30H120SWF Datasheet
102Kb / 4P
Diode – Power, Bare Die Gen VII, Fast Recovery 1200 V, 30 A
April, 2023 - Rev. 0
PCFF30H120SWF ONSEMI-PCFF30H120SWF Datasheet
104Kb / 4P
Diode – Power, Bare Die Gen VII, Fast Recovery 1200 V, 30 A
June, 2023 - Rev. 1
PCFF30H120SWF ONSEMI-PCFF30H120SWF_V01 Datasheet
104Kb / 4P
Diode – Power, Bare Die Gen VII, Fast Recovery 1200 V, 30 A
June, 2023 - Rev. 1
PCFF45H120SWF ONSEMI-PCFF45H120SWF Datasheet
107Kb / 4P
Diode - Power, Bare Die Gen VII, Fast Recovery 1200 V, 45 A
June, 2023 - Rev. 1
More results

Similar Description - PCFF60H120SWF

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
WNB098C5APPS12 WEEN-WNB098C5APPS12 Datasheet
252Kb / 7P
Hyperfast power diode - Bare die
WNB138C5APPS12 WEEN-WNB138C5APPS12 Datasheet
251Kb / 7P
Hyperfast power diode - Bare die
logo
Vishay Siliconix
VS-U5FH60FA120 VISHAY-VS-U5FH60FA120 Datasheet
161Kb / 6P
FRED Pt® Gen 5 Ultrafast Rectifier Diode, 1200 V, 60 A
19-May-2022
VS-U5FX60FA120 VISHAY-VS-U5FX60FA120 Datasheet
162Kb / 6P
FRED Pt® Gen 5 Hyperfast Rectifier Diode, 1200 V, 60 A
19-May-2022
logo
ON Semiconductor
PCFF100H120SWF ONSEMI-PCFF100H120SWF Datasheet
104Kb / 4P
Diode – Power, Bare Die Gen VII, Fast Recovery 1200 V, 100 A
December 2022 - Rev. P0
PCFF55H120SWF ONSEMI-PCFF55H120SWF Datasheet
104Kb / 4P
Diode – Power, Bare Die Gen VII, Fast Recovery 1200 V, 55 A
December 2022 - Rev. P0
logo
Vishay Siliconix
VS-U5FH60FA120 VISHAY-VS-U5FH60FA120_V01 Datasheet
161Kb / 6P
FRED Pt® Gen 5 Ultrafast Rectifier Diode, 1200 V, 60 A
19-May-2022
VS-U5FX60FA120 VISHAY-VS-U5FX60FA120_V01 Datasheet
161Kb / 6P
FRED Pt® Gen 5 Hyperfast Rectifier Diode, 1200 V, 60 A
19-May-2022
logo
ON Semiconductor
PCFF75H120SWF ONSEMI-PCFF75H120SWF Datasheet
104Kb / 4P
Diode – Power, Bare Die Gen VII, Fast Recovery 1200 V, 75 A
March 2023 - Rev. P0
PCFF30H120SWF ONSEMI-PCFF30H120SWF Datasheet
102Kb / 4P
Diode – Power, Bare Die Gen VII, Fast Recovery 1200 V, 30 A
April, 2023 - Rev. 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com