Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHC157 Datasheet (PDF) - NXP Semiconductors

74AHC157 Datasheet PDF - NXP Semiconductors
Part # 74AHC157
Download  74AHC157 Download
File Size   84.52 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad 2-input multiplexer

74AHC157 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC157 Datasheet PDF - NXP Semiconductors

Part # 74AHC157
Download  74AHC157 Click to download

File Size   84.52 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad 2-input multiplexer

74AHC157 Datasheet (HTML) - NXP Semiconductors


74AHC157 Product details

DESCRIPTION
The 74AHC/AHCT157 are high-speed Si-gate CMOS devices and are pin compatible with low power Schottky TTL (LSTTL). They are specified in compliance with JEDEC standard No. 7A.

FEATURES
• ESD protection: HBM EIA/JESD22-A114-A
    exceeds 2000 V MM EIA/JESD22-A115-A
    exceeds 200 V CDM EIA/JESD22-C101
    exceeds 1000 V
• Balanced propagation delays
• All inputs have Schmitt-trigger actions
• Multiple input enable for easy expansion
• Ideal for memory chip select decoding
• Inputs accept voltages higher than VCC
• For AHC only: operates with CMOS input levels
• For AHCT only: operates with TTL input levels
• Specified from −40 to +85 and +125 °C.




Similar Part No. - 74AHC157

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC157 NXP-74AHC157 Datasheet
95Kb / 16P
Quad 2-input multiplexer
Rev. 02-9 November 2007
logo
Nexperia B.V. All right...
74AHC157 NEXPERIA-74AHC157 Datasheet
264Kb / 15P
Quad 2-input multiplexer
Rev. 3 - 10 September 2020
74AHC157-Q100 NEXPERIA-74AHC157-Q100 Datasheet
719Kb / 17P
Automotive product qualification in accordance with AEC-Q100
74AHC157-Q100 NEXPERIA-74AHC157-Q100 Datasheet
264Kb / 15P
Quad 2-input multiplexer
Rev. 2 - 10 September 2020
logo
NXP Semiconductors
74AHC157BQ NXP-74AHC157BQ Datasheet
95Kb / 16P
Quad 2-input multiplexer
Rev. 02-9 November 2007
More results


Similar Description - 74AHC157

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
Quad 2-input multiplexer
1998 Apr 30
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
Quad 2-Input Multiplexer
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
Quad 2-Input Multiplexer
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
Quad 2-Input Multiplexer
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com