Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHC157 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHC157 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AHC157
Download  74AHC157 Download
File Size   264.97 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 2-input multiplexer

74AHC157 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC157 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AHC157
Download  74AHC157 Click to download

File Size   264.97 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 2-input multiplexer

74AHC157 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AHC157 Product details

1. General description
The 74AHC/AHCT157 are high-speed Si-gate CMOS devices and are pin compatible with Low
Power Schottky TTL (LSTTL). They are specified in compliance with JEDEC standard no. 7A.
The 74AHC/AHCT157 are quad 2-input multiplexer which select 4 bits of data from two sources
under the control of a common data select input (S). The enable input (E) is active LOW. When E is
HIGH, all of the outputs (1Y to 4Y) are forced LOW regardless of all other input conditions.
Moving the data from two groups of registers to four common output buses is a common use of
the 74AHC/AHCT157. The state of the common data select input (S) determines the particular
register from which the data comes. It can also be used as function generator. The device is useful
for implementing highly irregular logic by generating any four of the 16 different functions of two
variables with one variable common. The 74AHC/AHCT157 is logic implementation of a 4-pole,
2-position switch, where the position of the switch is determine by the logic levels applied to S.
The logic equations are:
• 1Y = E × (1I1 × S + 1I0 × S)
• 2Y = E × (2I1 × S + 2I0 × S)
• 3Y = E × (3I1 × S + 3I0 × S)
• 4Y = E × (4I1 × S + 4I0 × S)
2. Features
• Balanced propagation delays
• All inputs have a Schmitt-trigger action
• Inputs accepts voltages higher than VCC
• Multiple input enable for easy expansion
• Ideal for memory chip select decoding
• For 74AHC157 only: operates with CMOS input levels
• For 74AHCT157 only: operates with TTL input levels
• ESD protection:
• HBM JESD22-A114E exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101C exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74AHC157

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC157 PHILIPS-74AHC157 Datasheet
84Kb / 16P
Quad 2-input multiplexer
1999 Sep 24
74AHC157 NXP-74AHC157 Datasheet
95Kb / 16P
Quad 2-input multiplexer
Rev. 02-9 November 2007
logo
Nexperia B.V. All right...
74AHC157-Q100 NEXPERIA-74AHC157-Q100 Datasheet
719Kb / 17P
Automotive product qualification in accordance with AEC-Q100
74AHC157-Q100 NEXPERIA-74AHC157-Q100 Datasheet
264Kb / 15P
Quad 2-input multiplexer
Rev. 2 - 10 September 2020
logo
NXP Semiconductors
74AHC157BQ NXP-74AHC157BQ Datasheet
95Kb / 16P
Quad 2-input multiplexer
Rev. 02-9 November 2007
More results


Similar Description - 74AHC157

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
Quad 2-input multiplexer
1998 Apr 30
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
Quad 2-Input Multiplexer
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
Quad 2-Input Multiplexer
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
Quad 2-Input Multiplexer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com