Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHCT1G02 Datasheet (PDF) - NXP Semiconductors

74AHCT1G02 Datasheet PDF - NXP Semiconductors
Part # 74AHCT1G02
Download  74AHCT1G02 Download
File Size   80.73 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2-input NOR gate

74AHCT1G02 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHCT1G02 Datasheet PDF - NXP Semiconductors

Part # 74AHCT1G02
Download  74AHCT1G02 Click to download

File Size   80.73 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2-input NOR gate

74AHCT1G02 Datasheet (HTML) - NXP Semiconductors


74AHCT1G02 Product details

DESCRIPTION
The 74AHC1G/AHCT1G02 is a high-speed Si-gate CMOS device.
The 74AHC1G/AHCT1G02 provides the 2-input NOR function.

FEATURES
• Symmetrical output impedance
• High noise immunity
• ESD protection:
   – HBM EIA/JESD22-A114-A exceeds 2000 V
   – MM EIA/JESD22-A115-A exceeds 200 V
   – CDM EIA/JESD22-C101 exceeds 1000 V.
• Low power dissipation
• Balanced propagation delays
• Very small 5-pin package
• Output capability: standard
• Specified from−40 to +125°C.




Similar Part No. - 74AHCT1G02

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
SINGLE 2 INPUT POSITIVE NOR GATE
Rev 1
logo
Nexperia B.V. All right...
74AHCT1G02 NEXPERIA-74AHCT1G02 Datasheet
210Kb / 11P
2-input NOR gate
Rev. 8 - 11 January 2022
74AHCT1G02-Q100 NEXPERIA-74AHCT1G02-Q100 Datasheet
680Kb / 12P
2-input NOR gate
74AHCT1G02-Q100 NEXPERIA-74AHCT1G02-Q100 Datasheet
232Kb / 12P
2-input NOR gate
Rev. 4 19 September 2024
logo
Texas Instruments
74AHCT1G02DBVRE4 TI-74AHCT1G02DBVRE4 Datasheet
816Kb / 13P
SINGLE 2-INPUT POSITIVE-NOR GATE
More results


Similar Description - 74AHCT1G02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S02F TOSHIBA-TC7S02F Datasheet
212Kb / 5P
2-INPUT NOR GATE
TC7SET02F TOSHIBA-TC7SET02F Datasheet
165Kb / 5P
2-INPUT NOR GATE
logo
Renesas Technology Corp
HD74ALVC1G02 RENESAS-HD74ALVC1G02 Datasheet
78Kb / 10P
2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02 Datasheet
96Kb / 5P
2-INPUT NOR GATE
logo
Toshiba Semiconductor
TC7SG02FE TOSHIBA-TC7SG02FE Datasheet
166Kb / 6P
2 Input NOR Gate
logo
Renesas Technology Corp
HD74LV1G02A RENESAS-HD74LV1G02A_08 Datasheet
106Kb / 8P
2-input NOR Gate
HD74UH02 RENESAS-HD74UH02 Datasheet
142Kb / 7P
2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02_15 Datasheet
151Kb / 5P
2-INPUT NOR GATE
logo
Nexperia B.V. All right...
74AHC1G02-Q100 NEXPERIA-74AHC1G02-Q100 Datasheet
680Kb / 12P
2-input NOR gate
XC7SH02 NEXPERIA-XC7SH02 Datasheet
202Kb / 11P
2-input NOR gate
Rev. 2 - 12 January 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com