Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHCT1G02 Datasheet (PDF) - Diodes Incorporated

74AHCT1G02 Datasheet PDF - Diodes Incorporated
Part # 74AHCT1G02
Download  74AHCT1G02 Download
File Size   190.16 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE 2 INPUT POSITIVE NOR GATE

74AHCT1G02 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHCT1G02 Datasheet PDF - Diodes Incorporated

Part # 74AHCT1G02
Download  74AHCT1G02 Click to download

File Size   190.16 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE 2 INPUT POSITIVE NOR GATE

74AHCT1G02 Datasheet (HTML) - Diodes Incorporated


74AHCT1G02 Product details

Description
The 74AHCT1G02 is a single 2-input positive NOR gate with a standard totem pole output. The device is designed for operation with a power supply range of 4.5V to 5.5V.

Features
• Supply Voltage Range from 4.5V to 5.5V
• ± 8 mA Output Drive at 5.0V
• CMOS low power consumption
• Schmitt Trigger Action at All Inputs Make the Circuit Tolerant for Slower Input Rise and Fall Time.
• ESD Protection per JESD 22
    o Exceeds 200-V Machine Model (A115-A)
    o Exceeds 2000-V Human Body Model (A114-A)
    o Exceeds 1000-V Charged Device Model (C101C)
• Latch-Up Exceeds 100mA per JESD 78, Class II
• SOT25 and SOT353: Assembled with “Green” Molding Compound (no Br, Sb)
• Lead Free Finish / RoHS Compliant (Note 1)

Applications
• General Purpose Logic
• Wide array of products such as:
    o PCs, networking, notebooks, netbooks, PDAs
    o Computer peripherals, hard drives, CD/DVD ROM
    o TV, DVD, DVR, set top box
    o Phones, Personal Navigation / GPS
    o MP3 players ,Cameras, Video Recorders




Similar Part No. - 74AHCT1G02

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT1G02 PHILIPS-74AHCT1G02 Datasheet
80Kb / 16P
2-input NOR gate
2002 May 27
logo
Nexperia B.V. All right...
74AHCT1G02 NEXPERIA-74AHCT1G02 Datasheet
210Kb / 11P
2-input NOR gate
Rev. 8 - 11 January 2022
74AHCT1G02-Q100 NEXPERIA-74AHCT1G02-Q100 Datasheet
680Kb / 12P
2-input NOR gate
74AHCT1G02-Q100 NEXPERIA-74AHCT1G02-Q100 Datasheet
232Kb / 12P
2-input NOR gate
Rev. 4 19 September 2024
logo
Texas Instruments
74AHCT1G02DBVRE4 TI-74AHCT1G02DBVRE4 Datasheet
816Kb / 13P
SINGLE 2-INPUT POSITIVE-NOR GATE
More results


Similar Description - 74AHCT1G02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G02 TI-SN74AHCT1G02 Datasheet
68Kb / 5P
SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02 TI-SN74AHC1G02_08 Datasheet
442Kb / 12P
SINGLE 2-INPUT POSITIVE-NOR GATE
SN74LVC1G02 TI-SN74LVC1G02_08 Datasheet
559Kb / 15P
SINGLE 2-INPUT POSITIVE NOR-GATE
logo
Diodes Incorporated
74LVC1G02_1012 DIODES-74LVC1G02_1012 Datasheet
245Kb / 14P
SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 2 - 2
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G02-EP TI1-SN74LVC1G02-EP Datasheet
545Kb / 14P
SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHCT1G02DCKT TI-SN74AHCT1G02DCKT Datasheet
816Kb / 13P
SINGLE 2-INPUT POSITIVE-NOR GATE
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHC1G02-EP TI1-SN74AHC1G02-EP_16 Datasheet
739Kb / 10P
SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74AHC1G02Q DIODES-74AHC1G02Q Datasheet
528Kb / 9P
SINGLE 2-INPUT POSITIVE NOR GATE
August 2020 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com