Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHC1G86 Datasheet (PDF) - NXP Semiconductors

74AHC1G86 Datasheet PDF - NXP Semiconductors
Part # 74AHC1G86
Download  74AHC1G86 Download
File Size   61.21 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2-input EXCLUSIVE-OR gate

74AHC1G86 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC1G86 Datasheet PDF - NXP Semiconductors

Part # 74AHC1G86
Download  74AHC1G86 Click to download

File Size   61.21 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2-input EXCLUSIVE-OR gate

74AHC1G86 Datasheet (HTML) - NXP Semiconductors


74AHC1G86 Product details

DESCRIPTION

The 74AHC1G/AHCT1G86 is a high-speed Si-gate CMOS device.

The 74AHC1G/AHCT1G86 provides the 2-input EXCLUSIVE-OR function.



FEATURES

• Symmetrical output impedance

• High noise immunity

• ESD protection:

  – HBM EIA/JESD22-A114-A exceeds 2000 V

  – MM EIA/JESD22-A115-A exceeds 200 V

  – CDM EIA/JESD22-C101 exceeds 1000 V.

• Low power dissipation

• Balanced propagation delays

• Very small 5-pin package

• Output capability: standard

• Specified from−40 to +125°C.




Similar Part No. - 74AHC1G86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G86 NXP-74AHC1G86 Datasheet
80Kb / 12P
2-input EXCLUSIVE-OR gate
ev. 05-4 July 2007
logo
Diodes Incorporated
74AHC1G86 DIODES-74AHC1G86 Datasheet
181Kb / 8P
SINGLE 2 INPUT EXCLUSIVE-OR GATE
Rev 1
logo
Nexperia B.V. All right...
74AHC1G86 NEXPERIA-74AHC1G86 Datasheet
211Kb / 11P
2-input EXCLUSIVE-OR gate
Rev. 6 - 11 January 2022
logo
TECH PUBLIC Electronics...
74AHC1G86 TECHPUBLIC-74AHC1G86 Datasheet
1Mb / 6P
2-INPUT EXCLUSIVE-OR GATE
74AHC1G86 TECHPUBLIC-74AHC1G86 Datasheet
1Mb / 6P
2-INPUT EXCLUSIVE-OR GATE
More results


Similar Description - 74AHC1G86

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F86DM NSC-54F86DM Datasheet
137Kb / 6P
2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74HC1G86 PHILIPS-74HC1G86 Datasheet
78Kb / 12P
2-input EXCLUSIVE-OR gate
1998 Aug 05
logo
Hitachi Semiconductor
HD74ALVC1G86 HITACHI-HD74ALVC1G86 Datasheet
37Kb / 10P
2-input Exclusive-OR Gate
logo
Unisonic Technologies
U74AHCT1G86 UTC-U74AHCT1G86 Datasheet
101Kb / 4P
2-INPUT EXCLUSIVE-OR GATE
logo
Fairchild Semiconductor
74F86 FAIRCHILD-74F86_03 Datasheet
64Kb / 5P
2-Input Exclusive-OR Gate
logo
Renesas Technology Corp
HD74LV1G86A RENESAS-HD74LV1G86A_08 Datasheet
110Kb / 8P
2-input Exclusive-OR Gate
RD74LVC1G86 RENESAS-RD74LVC1G86 Datasheet
2Mb / 8P
2-input Exclusive OR Gate
logo
NXP Semiconductors
74HC1G86GW.125 NXP-74HC1G86GW.125 Datasheet
77Kb / 11P
2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Nexperia B.V. All right...
74AHC1G86-Q100 NEXPERIA-74AHC1G86-Q100 Datasheet
686Kb / 13P
2-input EXCLUSIVE-OR gate
74LVC1G86-Q100 NEXPERIA-74LVC1G86-Q100 Datasheet
183Kb / 13P
2-input EXCLUSIVE-OR gate
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com