Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RD74LVC1G86 Datasheet (PDF) - Renesas Technology Corp

RD74LVC1G86 Datasheet PDF - Renesas Technology Corp
Part # RD74LVC1G86
Download  RD74LVC1G86 Download
File Size   2061.63 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2-input Exclusive OR Gate

RD74LVC1G86 Datasheet (PDF)

Go To PDF Page Download Datasheet
RD74LVC1G86 Datasheet PDF - Renesas Technology Corp

Part # RD74LVC1G86
Download  RD74LVC1G86 Click to download

File Size   2061.63 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2-input Exclusive OR Gate

RD74LVC1G86 Datasheet (HTML) - Renesas Technology Corp


RD74LVC1G86 Product details

Description
The RD74LVC1G86 has two–input Exclusive OR gate in a 5-pin package. Low voltage and high-speed operation is suitable for the battery powered products (e.g., notebook computers), and the low power consumption extends the battery life.

Features
• The basic gate function is lined up as renesas uni logic series.
• Supply voltage range: 1.65 to 5.5 V
    Operating temperature range: –40 to +85°C
• All inputs: VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
    All outputs: VO (Max.) = 5.5 V (@VCC = 0 V)
• Output current: ±4 mA (@VCC = 1.65 V)
                            ±8 mA (@VCC = 2.3 V)
                            ±24 mA (@VCC = 3.0 V)
                            ±32 mA (@VCC = 4.5 V)




Similar Part No. - RD74LVC1G86

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC1G00 RENESAS-RD74LVC1G00 Datasheet
1Mb / 7P
2-input NAND Gate
RD74LVC1G00WPE RENESAS-RD74LVC1G00WPE Datasheet
1Mb / 7P
2-input NAND Gate
RD74LVC1G02 RENESAS-RD74LVC1G02 Datasheet
1Mb / 8P
2-input NOR Gate
RD74LVC1G02WPE RENESAS-RD74LVC1G02WPE Datasheet
1Mb / 8P
2-input NOR Gate
RD74LVC1G04 RENESAS-RD74LVC1G04 Datasheet
2Mb / 8P
Inverter
More results


Similar Description - RD74LVC1G86

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F86DM NSC-54F86DM Datasheet
137Kb / 6P
2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74AHC1G86 PHILIPS-74AHC1G86 Datasheet
61Kb / 12P
2-input EXCLUSIVE-OR gate
2002 Jun 06
74HC1G86 PHILIPS-74HC1G86 Datasheet
78Kb / 12P
2-input EXCLUSIVE-OR gate
1998 Aug 05
logo
Hitachi Semiconductor
HD74ALVC1G86 HITACHI-HD74ALVC1G86 Datasheet
37Kb / 10P
2-input Exclusive-OR Gate
logo
Unisonic Technologies
U74AHCT1G86 UTC-U74AHCT1G86 Datasheet
101Kb / 4P
2-INPUT EXCLUSIVE-OR GATE
logo
Fairchild Semiconductor
74F86 FAIRCHILD-74F86_03 Datasheet
64Kb / 5P
2-Input Exclusive-OR Gate
logo
Renesas Technology Corp
HD74LV1G86A RENESAS-HD74LV1G86A_08 Datasheet
110Kb / 8P
2-input Exclusive-OR Gate
logo
NXP Semiconductors
74HC1G86GW.125 NXP-74HC1G86GW.125 Datasheet
77Kb / 11P
2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Nexperia B.V. All right...
74AHC1G86-Q100 NEXPERIA-74AHC1G86-Q100 Datasheet
686Kb / 13P
2-input EXCLUSIVE-OR gate
74LVC1G86-Q100 NEXPERIA-74LVC1G86-Q100 Datasheet
183Kb / 13P
2-input EXCLUSIVE-OR gate
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com