Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA56 Datasheet (PDF) - Tyco Electronics

SMA56 Datasheet PDF - Tyco Electronics
Part # SMA56
Download  SMA56 Download
File Size   356.38 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 5 to 400 MHz

SMA56 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMA56 Datasheet PDF - Tyco Electronics

Part # SMA56
Download  SMA56 Click to download

File Size   356.38 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 5 to 400 MHz

SMA56 Datasheet (HTML) - Tyco Electronics


SMA56 Product details

Description
The A56 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for consistent performance and high reliability.
This 2 stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. An active DC biasing network insures temperature-stable performance.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available

Features
• AVAILABLE IN SURFACE MOUNT
• HIGH GAIN-TWO STAGES 26 dB
• MEDIUM OUTPUT LEVEL: +13.5 dBm (TYP.)
• HIGH THIRD ORDER I.P. + 27 dBm (TYP.)




Similar Part No. - SMA56

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA5 MACOM-SMA5 Datasheet
354Kb / 2P
Cascadable Amplifier 5 to 500 MHz
SMA5-5 MACOM-SMA5-5 Datasheet
353Kb / 2P
Cascadable Amplifier 5 to 500 MHz
logo
M/A-COM Technology Solu...
SMA5-5 MA-COM-SMA5-5 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
logo
Tyco Electronics
SMA5-6 MACOM-SMA5-6 Datasheet
365Kb / 2P
Cascadable Amplifier 5 to 600 MHz
logo
M/A-COM Technology Solu...
SMA5-6 MA-COM-SMA5-6 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 600 MHz
More results


Similar Description - SMA56

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A411 MACOM-A411 Datasheet
112Kb / 1P
10 TO 400 MHz CASCADABLE AMPLIFIER
A51 MACOM-A51 Datasheet
351Kb / 2P
Cascadable Amplifier 10 to 400 MHz
EA1 MACOM-EA1 Datasheet
180Kb / 2P
Cascadable Amplifier 5 to 400 MHz
A87-1 MACOM-A87-1_1 Datasheet
379Kb / 2P
Cascadable Amplifier 10 to 400 MHz
EA2 MACOM-EA2 Datasheet
186Kb / 2P
Cascadable Amplifier 5 to 400 MHz
logo
M/A-COM Technology Solu...
A56 MA-COM-A56 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 400 MHz
EA1 MA-COM-EA1 Datasheet
119Kb / 2P
Cascadable Amplifier 5 to 400 MHz
EA2 MA-COM-EA2 Datasheet
120Kb / 2P
Cascadable Amplifier 5 to 400 MHz
A87-1 MA-COM-A87-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 400 MHz
A87 MA-COM-A87 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 400 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com