Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A411 Datasheet (PDF) - Tyco Electronics

A411 Datasheet PDF - Tyco Electronics
Part # A411
Download  A411 Download
File Size   112.23 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 10 TO 400 MHz CASCADABLE AMPLIFIER

A411 Datasheet (PDF)

Go To PDF Page Download Datasheet
A411 Datasheet PDF - Tyco Electronics

Part # A411
Download  A411 Click to download

File Size   112.23 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 10 TO 400 MHz CASCADABLE AMPLIFIER

A411 Datasheet (HTML) - Tyco Electronics


A411 Product details

Description
The A411 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.
This single stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. Use of an impedance transformer offers the benefit of high dynamic range and high efficiency.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• LOW NOISE FIGURE: 3.0 dB (TYP.)
• HIGH EFFICIENCY: 16 mA at +5 Vdc
• HIGH THIRD ORDER I.P.: +29 dBm at +8 Vdc (TYP.)
• MEDIUM OUTPUT LEVEL:+14.5 dBm at +8 Vdc (TYP.)




Similar Part No. - A411

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A411 MACOM-A411 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 400 MHz
logo
M/A-COM Technology Solu...
A411 MA-COM-A411 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 400 MHz
A411-SMA411 MA-COM-A411-SMA411 Datasheet
1Mb / 2P
Cascadable Amplifier
logo
Omron Electronics LLC
A4110-E OMRON-A4110-E Datasheet
173Kb / 20P
SYSDRIVE 3G3HV Series
logo
SHENZHEN FUMAN ELECTRON...
A4117 FUMAN-A4117 Datasheet
152Kb / 4P
Small package high performance asynchronous boost white LED driver
More results


Similar Description - A411

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A87-1 MACOM-A87-1 Datasheet
85Kb / 1P
10 TO 400 MHz TO-8 CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AC487 ETC1-AC487 Datasheet
106Kb / 2P
10 TO 400 MHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
A51 MACOM-A51 Datasheet
351Kb / 2P
Cascadable Amplifier 10 to 400 MHz
A87 MACOM-A87 Datasheet
377Kb / 2P
Cascadable Amplifier 10 to 400 MHz
A87-1 MACOM-A87-1_1 Datasheet
379Kb / 2P
Cascadable Amplifier 10 to 400 MHz
A411 MACOM-A411_1 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 400 MHz
logo
M/A-COM Technology Solu...
A51 MA-COM-A51 Datasheet
156Kb / 2P
Cascadable Amplifier 10 to 400 MHz
A87-1 MA-COM-A87-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 400 MHz
A87 MA-COM-A87 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 400 MHz
A411 MA-COM-A411 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 400 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com