Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A411 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

A411 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # A411
Download  A411 Download
File Size   1339.75 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 10 to 400 MHz

A411 Datasheet (PDF)

Go To PDF Page Download Datasheet
A411 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # A411
Download  A411 Click to download

File Size   1339.75 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 10 to 400 MHz

A411 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


A411 Product details

Description
The A411 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.
This single stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. Use of an impedance transformer offers the benefit of high dynamic range and high efficiency.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• LOW NOISE FIGURE: 3.0 dB (TYP.)
• HIGH EFFICIENCY: 16 mA at +5 Vdc
• HIGH THIRD ORDER I.P.: +29 dBm at +8 Vdc (TYP.)
• MEDIUM OUTPUT LEVEL:+14.5 dBm at +8 Vdc (TYP.)




Similar Part No. - A411

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A411 MACOM-A411 Datasheet
112Kb / 1P
10 TO 400 MHz CASCADABLE AMPLIFIER
A411 MACOM-A411 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 400 MHz
logo
M/A-COM Technology Solu...
A411-SMA411 MA-COM-A411-SMA411 Datasheet
1Mb / 2P
Cascadable Amplifier
logo
Omron Electronics LLC
A4110-E OMRON-A4110-E Datasheet
173Kb / 20P
SYSDRIVE 3G3HV Series
logo
SHENZHEN FUMAN ELECTRON...
A4117 FUMAN-A4117 Datasheet
152Kb / 4P
Small package high performance asynchronous boost white LED driver
More results


Similar Description - A411

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A411 MACOM-A411 Datasheet
112Kb / 1P
10 TO 400 MHz CASCADABLE AMPLIFIER
A87-1 MACOM-A87-1 Datasheet
85Kb / 1P
10 TO 400 MHz TO-8 CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AC487 ETC1-AC487 Datasheet
106Kb / 2P
10 TO 400 MHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
A51 MACOM-A51 Datasheet
351Kb / 2P
Cascadable Amplifier 10 to 400 MHz
A87 MACOM-A87 Datasheet
377Kb / 2P
Cascadable Amplifier 10 to 400 MHz
A87-1 MACOM-A87-1_1 Datasheet
379Kb / 2P
Cascadable Amplifier 10 to 400 MHz
A411 MACOM-A411_1 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 400 MHz
logo
M/A-COM Technology Solu...
A51 MA-COM-A51 Datasheet
156Kb / 2P
Cascadable Amplifier 10 to 400 MHz
A87-1 MA-COM-A87-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 400 MHz
A87 MA-COM-A87 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 400 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com