Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A51 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

A51 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # A51
Download  A51 Download
File Size   156.73 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 10 to 400 MHz

A51 Datasheet (PDF)

Go To PDF Page Download Datasheet
A51 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # A51
Download  A51 Click to download

File Size   156.73 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 10 to 400 MHz

A51 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


A51 Product details

Description

The A51 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.

This single stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.



Features

•  AVAILABLE IN SURFACE MOUNT

•  LOW NOISE: 2.7 dB (TYP.)

•  LOW VSWR <1.3:1 (TYP.)

•  FLAT BANDWIDTH ±0.2 dB (TYP.)




Similar Part No. - A51

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A51 MACOM-A51 Datasheet
351Kb / 2P
Cascadable Amplifier 10 to 400 MHz
logo
Connor-Winfield Corpora...
A51 CONNOR-WINFIELD-A51 Datasheet
53Kb / 1P
8 PIN DIP ACMOS
logo
ITT Industries
A51-424-3196 ITT-A51-424-3196 Datasheet
489Kb / 42P
RF Coaxial Connectors
A51-427-3196 ITT-A51-427-3196 Datasheet
489Kb / 42P
RF Coaxial Connectors
A51-428-3188 ITT-A51-428-3188 Datasheet
489Kb / 42P
RF Coaxial Connectors
More results


Similar Description - A51

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A411 MACOM-A411 Datasheet
112Kb / 1P
10 TO 400 MHz CASCADABLE AMPLIFIER
A87-1 MACOM-A87-1 Datasheet
85Kb / 1P
10 TO 400 MHz TO-8 CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AC487 ETC1-AC487 Datasheet
106Kb / 2P
10 TO 400 MHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
A51 MACOM-A51 Datasheet
351Kb / 2P
Cascadable Amplifier 10 to 400 MHz
A87 MACOM-A87 Datasheet
377Kb / 2P
Cascadable Amplifier 10 to 400 MHz
A87-1 MACOM-A87-1_1 Datasheet
379Kb / 2P
Cascadable Amplifier 10 to 400 MHz
A411 MACOM-A411_1 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 400 MHz
logo
M/A-COM Technology Solu...
A87-1 MA-COM-A87-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 400 MHz
A87 MA-COM-A87 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 400 MHz
A411 MA-COM-A411 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 400 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com