Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A75-2 Datasheet (PDF) - Tyco Electronics

A75-2 Datasheet PDF - Tyco Electronics
Part # A75-2
Download  A75-2 Download
File Size   350.91 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 5 to 250 MHz

A75-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
A75-2 Datasheet PDF - Tyco Electronics

Part # A75-2
Download  A75-2 Click to download

File Size   350.91 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 5 to 250 MHz

A75-2 Datasheet (HTML) - Tyco Electronics


A75-2 Product details

Description

The A75-2 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability. This single stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. Both TO-8 and Surface Mount packages are

Hermetically sealed, and MIL-STD-883 environmental screen ing is available.



Features

• AVAILABLE IN SURFACE MOUNT

• HIGH GAIN: 21.0 dB (TYP.)

• MEDIUM OUTPUT LEVEL: +8.0 dBm (TYP.)




Similar Part No. - A75-2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A75-2 MA-COM-A75-2 Datasheet
1Mb / 2P
Cascadable Amplifier Cascadable Amplifier
A75-2-SMA75-2 MA-COM-A75-2-SMA75-2 Datasheet
1Mb / 2P
Cascadable Amplifier
More results


Similar Description - A75-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A81 MACOM-A81 Datasheet
106Kb / 1P
20 TO 250 MHz CASCADABLE AMPLIFIER
A74-1 MACOM-A74-1 Datasheet
352Kb / 2P
Cascadable Amplifier 5 to 250 MHz
A70 MACOM-A70_1 Datasheet
369Kb / 2P
Cascadable Amplifier 10 to 250 MHz
A81-1 MACOM-A81-1_1 Datasheet
401Kb / 2P
Cascadable Amplifier 20 to 250 MHz
A82 MACOM-A82_1 Datasheet
382Kb / 2P
Cascadable Amplifier 20 to 250 MHz
A231 MACOM-A231_1 Datasheet
378Kb / 2P
Cascadable Amplifier 10 to 250 MHz
logo
M/A-COM Technology Solu...
A70-1 MA-COM-A70-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 250 MHz
A70-3 MA-COM-A70-3 Datasheet
1Mb / 2P
Cascadable Amplifier 20 to 250 MHz
A74-1 MA-COM-A74-1 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 250 MHz
A83-1 MA-COM-A83-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 250 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com