Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A74-1 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

A74-1 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # A74-1
Download  A74-1 Download
File Size   1329.59 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 5 to 250 MHz

A74-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
A74-1 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # A74-1
Download  A74-1 Click to download

File Size   1329.59 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 5 to 250 MHz

A74-1 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


A74-1 Product details

Description
The A74-1 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for consistent performance and high reliability.
This 2 stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. An active DC biasing network insures temperature-stable performance.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available

Features
• HIGH GAIN - TWO STAGES: 31 dB (TYP.)
• MEDIUM OUTPUT LEVEL +8.5 dBm (TYP.)
• WIDE POWER SUPPLY RANGE +8 TO +15 VOLTS
• LOW VSWR: <1.3:1 (TYP.)




Similar Part No. - A74-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A74-1 MACOM-A74-1 Datasheet
352Kb / 2P
Cascadable Amplifier 5 to 250 MHz
logo
M/A-COM Technology Solu...
A74-1-SMA74-1 MA-COM-A74-1-SMA74-1 Datasheet
1Mb / 2P
Cascadable Amplifier
logo
List of Unclassifed Man...
A74-10 ETC2-A74-10 Datasheet
67Kb / 2P
Current and Voltage Controls Current Transformer, 3-Phase
A74-11 ETC2-A74-11 Datasheet
67Kb / 2P
Current and Voltage Controls Current Transformer, 3-Phase
More results


Similar Description - A74-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A81 MACOM-A81 Datasheet
106Kb / 1P
20 TO 250 MHz CASCADABLE AMPLIFIER
A74-1 MACOM-A74-1 Datasheet
352Kb / 2P
Cascadable Amplifier 5 to 250 MHz
A75-2 MACOM-A75-2 Datasheet
350Kb / 2P
Cascadable Amplifier 5 to 250 MHz
A70 MACOM-A70_1 Datasheet
369Kb / 2P
Cascadable Amplifier 10 to 250 MHz
A81-1 MACOM-A81-1_1 Datasheet
401Kb / 2P
Cascadable Amplifier 20 to 250 MHz
A82 MACOM-A82_1 Datasheet
382Kb / 2P
Cascadable Amplifier 20 to 250 MHz
A231 MACOM-A231_1 Datasheet
378Kb / 2P
Cascadable Amplifier 10 to 250 MHz
logo
M/A-COM Technology Solu...
A70-1 MA-COM-A70-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 250 MHz
A70-3 MA-COM-A70-3 Datasheet
1Mb / 2P
Cascadable Amplifier 20 to 250 MHz
A83-1 MA-COM-A83-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 250 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com