Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYG10D Datasheet (PDF) - Diotec Semiconductor

BYG10D Datasheet PDF - Diotec Semiconductor
Part # BYG10D
Download  BYG10D Download
File Size   768.6 Kbytes
Page   3 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Diode 600 V 1.5A Surface Mount DO-214AC, SMA

BYG10D Datasheet (PDF)

Go To PDF Page Download Datasheet
BYG10D Datasheet PDF - Diotec Semiconductor

Part # BYG10D
Download  BYG10D Click to download

File Size   768.6 Kbytes
Page   3 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Diode 600 V 1.5A Surface Mount DO-214AC, SMA

BYG10D Datasheet (HTML) - Diotec Semiconductor


BYG10D Product details

Features
Controlled avalanche characteristic
High average forward current
Compliant to RoHS (exemp. 7a),
REACH, Conflict Minerals 1)




Similar Part No. - BYG10D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYG10D VISHAY-BYG10D Datasheet
59Kb / 5P
Silicon Mesa SMD Rectifier
24-Jun-98
BYG10D VISHAY-BYG10D Datasheet
106Kb / 5P
Standard Avalanche SMD Rectifier
03-Jun-09
logo
Shenzhen Taychipst Elec...
BYG10D TAYCHIPST-BYG10D Datasheet
3Mb / 2P
Silicon Mesa SMD Rectifier
logo
SUNMATE electronic Co.,...
BYG10D SUNMATE-BYG10D Datasheet
310Kb / 2P
SURFACE MOUNT SILICON MESA (SMD) RECTIFIER DIODE
logo
Diotec Semiconductor
BYG10D DIOTEC-BYG10D Datasheet
159Kb / 2P
Standard Avalanche SMD Rectifier Diodes
More results


Similar Description - BYG10D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SFPX-62 SANKEN-SFPX-62 Datasheet
18Kb / 1P
Surface mount 1.5A Ultra-fast-recovery rectifier diode
logo
Diodes Incorporated
S2A DIODES-S2A Datasheet
47Kb / 2P
1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16004 Rev. 7 - 2
logo
TAITRON Components Inco...
S2A TAITRON-S2A Datasheet
189Kb / 5P
1.5A Surface Mount Rectifier
S2AA TAITRON-S2AA Datasheet
196Kb / 5P
1.5A Surface Mount Rectifier
logo
Gulf Semiconductor
BYG10Y GULFSEMI-BYG10Y Datasheet
140Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?600 V CURRENT竊?1.5A
logo
Microsemi Corporation
SMBJ24AE3 MICROSEMI-SMBJ24AE3 Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt SURFACE MOUNT 600 Watt
logo
Continental Device Indi...
DO-214AC CDIL-DO-214AC Datasheet
217Kb / 4P
DO-214AC (SMA) SMD Plastic Package
logo
Microsemi Corporation
SMBJ30CAE3 MICROSEMI-SMBJ30CAE3 Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt SURFACE MOUNT 600 Watt
SMBJ33AE3 MICROSEMI-SMBJ33AE3 Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt SURFACE MOUNT 600 Watt
logo
ON Semiconductor
S1GHE ONSEMI-S1GHE Datasheet
163Kb / 5P
Surface Mount Rectifiers, 1 A, 400 V - 600 V
April, 2020 ??Rev. 1
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com