Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP2703 Datasheet (PDF) - Toshiba Semiconductor

TLP2703 Datasheet PDF - Toshiba Semiconductor
Part # TLP2703
Download  TLP2703 Download
File Size   675.6 Kbytes
Page   17 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers Infrared LED & Photo IC

TLP2703 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP2703 Datasheet PDF - Toshiba Semiconductor

Part # TLP2703
Download  TLP2703 Click to download

File Size   675.6 Kbytes
Page   17 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers Infrared LED & Photo IC

TLP2703 Datasheet (HTML) - Toshiba Semiconductor


TLP2703 Product details

Applications
• Communications Equipment
• Industrial Inverters
• Home Electric Appliances

General
The Toshiba TLP2703 consists of a high-output infrared LED coupled with a high-speed photodiode transistor
chip.
It is housed in a thin SO6L package with a thickness of 2.3 mm (max). The TLP2703 guarantees an isolation
voltage of 5 kVrms (min) and is compliant with international safety standards for reinforced insulation.
Due to the use of a high-speed, high-gain detector element, the TLP2703 provides a current transfer ratio of
900 % (@ IF = 0.5 mA) minimum over -40 to 125  and thus is ideal for applications which require low input
current and high-speed data transmission. The TLP2703 supports a data rate of 100 kbps, and fills a gap in our
product line between general-purpose transistor-output photocouplers and IC-output photocouplers with a data
rate of 1 Mbps.

Features
(1) Package: SO6L
(2) Operating temperature: -40 to 125 
(3) Current transfer ratio: 900 % (min) @IF = 0.5 mA
(4) Maximum output current: 80 mA
(5) Propagation delay time: tpHL = 15 μs (max), tpLH = 50 μs (max) @ RL = 4.7 kΩ, IF = 0.5 mA, Ta = 25 
(6) Isolation voltage: 5000 Vrms (min)
(7) Safety standards
UL-recognized: UL 1577, File No.E67349
cUL-recognized: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN 60747-5-5, EN 62368-1 (Note 1)
CQC-approved: GB4943.1, GB8898 Japan and Thailand Factory




Similar Part No. - TLP2703

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2704 TOSHIBA-TLP2704 Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2019-11-29 Rev.9.0
TLP270D TOSHIBA-TLP270D Datasheet
236Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET / Photo-Transistor
logo
STMicroelectronics
TLP270G STMICROELECTRONICS-TLP270G Datasheet
157Kb / 14P
TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
Sep-1998
TLP270G-1 STMICROELECTRONICS-TLP270G-1 Datasheet
157Kb / 14P
TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
Sep-1998
TLP270M STMICROELECTRONICS-TLP270M Datasheet
157Kb / 14P
TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
Sep-1998
More results


Similar Description - TLP2703

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2704 TOSHIBA-TLP2704 Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2019-11-29 Rev.9.0
TLP5212 TOSHIBA-TLP5212 Datasheet
1Mb / 25P
Photocouplers Infrared LED & Photo IC
2022-03-02 Rev.1.0
TLP5222 TOSHIBA-TLP5222 Datasheet
2Mb / 25P
Photocouplers Infrared LED & Photo IC
2022-07-22 Rev.3.0
TLP5702H TOSHIBA-TLP5702H Datasheet
978Kb / 18P
Photocouplers Infrared LED & Photo IC
2021-09-10 Rev.3.0
TLP5752 TOSHIBA-TLP5752 Datasheet
1,017Kb / 18P
Photocouplers Infrared LED & Photo IC
2019-12-10 Rev.9.0
TLP5754 TOSHIBA-TLP5754 Datasheet
1,017Kb / 18P
Photocouplers Infrared LED & Photo IC
2019-12-22 Rev.9.0
TLP5754H TOSHIBA-TLP5754H Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2020-09-01 Rev.3.0
TLP5774 TOSHIBA-TLP5774 Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2020-01-29 Rev.6.0
TLP5774H TOSHIBA-TLP5774H Datasheet
985Kb / 18P
Photocouplers Infrared LED & Photo IC
2021-04-02 Rev.1.0
TLX9310 TOSHIBA-TLX9310 Datasheet
238Kb / 7P
Photocouplers Infrared LED & Photo IC
2019-11-18 Rev.5.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com