Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP2704 Datasheet (PDF) - Toshiba Semiconductor

TLP2704 Datasheet PDF - Toshiba Semiconductor
Part # TLP2704
Download  TLP2704 Download
File Size   1040.11 Kbytes
Page   18 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers Infrared LED & Photo IC

TLP2704 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP2704 Datasheet PDF - Toshiba Semiconductor

Part # TLP2704
Download  TLP2704 Click to download

File Size   1040.11 Kbytes
Page   18 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers Infrared LED & Photo IC

TLP2704 Datasheet (HTML) - Toshiba Semiconductor


TLP2704 Product details

Applications
• Intelligent Power Module Signal Isolation
• Factory Automation (FA)
• Industrial Inverters

General
The TLP2704 consists of an infrared LED optically coupled with an integrated high-gain, high-speed photodetector
and is housed in the SO6L package. It supports operating temperatures of up to 125 .
The SO6L package meets the reinforced insulation class requirements of international safety standards.
The photodetector has an internal Faraday shield that provides a guaranteed common-mode transient immunity
of ±20 kV/μs.
The TLP2704 guarantees minimum and maximum of propagation delay time, pulse width distortion. Therefore
it is suitable for isolation interface between IPM and control IC circuits in motor control application.

Features
(1) Inverter logic type (open collector output)
(2) Package: SO6L
(3) Operating temperature: -40 to 125 
(4) Supply voltage: -0.5 to 30 V
(5) Threshold input current: 5.0 mA (max)
(6) Supply current: 1.3 mA (max)
(7) Propagation delay time: tpHL = 400 ns (max), tpLH = 550 ns (max)
(8) Pulse width distortion: 400 ns (max)
(9) Common-mode transient immunity: ±20 kV/μs (min)
(10) Isolation voltage: 5000 Vrms (min)
(11) Safety standards
UL-recognized: UL 1577, File No.E67349
cUL-recognized: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN 60747-5-5, EN 62368-1 (Note 1)
CQC-approved: GB4943.1, GB8898 Japan and Thailand Factory




Similar Part No. - TLP2704

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2703 TOSHIBA-TLP2703 Datasheet
675Kb / 17P
Photocouplers Infrared LED & Photo IC
2019-11-29 Rev.6.0
TLP270D TOSHIBA-TLP270D Datasheet
236Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET / Photo-Transistor
logo
STMicroelectronics
TLP270G STMICROELECTRONICS-TLP270G Datasheet
157Kb / 14P
TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
Sep-1998
TLP270G-1 STMICROELECTRONICS-TLP270G-1 Datasheet
157Kb / 14P
TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
Sep-1998
TLP270M STMICROELECTRONICS-TLP270M Datasheet
157Kb / 14P
TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
Sep-1998
More results


Similar Description - TLP2704

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP5212 TOSHIBA-TLP5212 Datasheet
1Mb / 25P
Photocouplers Infrared LED & Photo IC
2022-03-02 Rev.1.0
TLP5222 TOSHIBA-TLP5222 Datasheet
2Mb / 25P
Photocouplers Infrared LED & Photo IC
2022-07-22 Rev.3.0
TLP5702H TOSHIBA-TLP5702H Datasheet
978Kb / 18P
Photocouplers Infrared LED & Photo IC
2021-09-10 Rev.3.0
TLP5752 TOSHIBA-TLP5752 Datasheet
1,017Kb / 18P
Photocouplers Infrared LED & Photo IC
2019-12-10 Rev.9.0
TLP5754 TOSHIBA-TLP5754 Datasheet
1,017Kb / 18P
Photocouplers Infrared LED & Photo IC
2019-12-22 Rev.9.0
TLP5754H TOSHIBA-TLP5754H Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2020-09-01 Rev.3.0
TLP5771H TOSHIBA-TLP5771H Datasheet
985Kb / 18P
Photocouplers Infrared LED & Photo IC
2021-04-02 Rev.1.0
TLP5774 TOSHIBA-TLP5774 Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2020-01-29 Rev.6.0
TLP5774H TOSHIBA-TLP5774H Datasheet
985Kb / 18P
Photocouplers Infrared LED & Photo IC
2021-04-02 Rev.1.0
TLX9310 TOSHIBA-TLX9310 Datasheet
238Kb / 7P
Photocouplers Infrared LED & Photo IC
2019-11-18 Rev.5.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com