Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP2719 Datasheet (PDF) - Toshiba Semiconductor

TLP2719 Datasheet PDF - Toshiba Semiconductor
Part # TLP2719
Download  TLP2719 Download
File Size   1106.91 Kbytes
Page   17 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers Infrared LED & Photo IC

TLP2719 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP2719 Datasheet PDF - Toshiba Semiconductor

Part # TLP2719
Download  TLP2719 Click to download

File Size   1106.91 Kbytes
Page   17 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers Infrared LED & Photo IC

TLP2719 Datasheet (HTML) - Toshiba Semiconductor


TLP2719 Product details

Applications
• Intelligent Power Module Signal Isolation
• Factory Automation (FA)
• Industrial Inverters

General
The TLP2719 consists of a high-output infrared LED coupled with a high-gain, high-speed photo detector. It is
housed in the SO6L package.
This product can be mounted on the same land-pattern as Toshiba's SDIP6 packages.
In addition, the SO6L packages has a maximum height of 2.3 mm, which is approximately 45 % thinner than the
conventional SDIP6 packages. Its low profile package contributes to system size reduction and can be placed in
height-restricted locations, such as the back of a board.
Also, since TLP2719 guarantees high Isolation Voltage of 5 kVrms (min), this product satisfies the reinforced
insulation class according to international safety standards.

Features
(1) Inverter logic type (open collector output)
(2) Package: SO6L
(3) Operating temperature: -40 to 100
(4) Supply voltage: -0.5 to 30 V
(5) Data transfer rate: 1 MBd (typ.) (NRZ)
(6) Common-mode transient immunity: ±10 kV/μs (min)
(7) Isolation voltage: 5000 Vrms (min)
(8) Safety standards
UL-recognized: UL 1577, File No.E67349
cUL-recognized: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN 60747-5-5, EN 62368-1 (Note 1)
CQC-approved: GB4943.1, GB8898 Japan Factory




Similar Part No. - TLP2719

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2710 TOSHIBA-TLP2710 Datasheet
1Mb / 22P
Photocouplers GaAℓAs Infrared LED & Photo IC
2018-03-09 Rev.6.0
More results


Similar Description - TLP2719

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2704 TOSHIBA-TLP2704 Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2019-11-29 Rev.9.0
TLP5212 TOSHIBA-TLP5212 Datasheet
1Mb / 25P
Photocouplers Infrared LED & Photo IC
2022-03-02 Rev.1.0
TLP5222 TOSHIBA-TLP5222 Datasheet
2Mb / 25P
Photocouplers Infrared LED & Photo IC
2022-07-22 Rev.3.0
TLP5702H TOSHIBA-TLP5702H Datasheet
978Kb / 18P
Photocouplers Infrared LED & Photo IC
2021-09-10 Rev.3.0
TLP5752 TOSHIBA-TLP5752 Datasheet
1,017Kb / 18P
Photocouplers Infrared LED & Photo IC
2019-12-10 Rev.9.0
TLP5754 TOSHIBA-TLP5754 Datasheet
1,017Kb / 18P
Photocouplers Infrared LED & Photo IC
2019-12-22 Rev.9.0
TLP5754H TOSHIBA-TLP5754H Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2020-09-01 Rev.3.0
TLP5774 TOSHIBA-TLP5774 Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2020-01-29 Rev.6.0
TLP5774H TOSHIBA-TLP5774H Datasheet
985Kb / 18P
Photocouplers Infrared LED & Photo IC
2021-04-02 Rev.1.0
TLX9310 TOSHIBA-TLX9310 Datasheet
238Kb / 7P
Photocouplers Infrared LED & Photo IC
2019-11-18 Rev.5.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com